Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5522 Arkusz danych(PDF) 60 Page - Asahi Kasei Microsystems

Numer części AK5522
Szczegółowy opis  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Arkusz danych(HTML) 60 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 63Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 64Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 60 -
Figure 56. PLL Master Mode (Stereo Output)
Figure 57. PLL Master Mode (TDM128, TDM256 Output)
PLL Slave Mode (Serial Control Mode)
Mode
PLL3
bit
PLL2
bit
PLL1
bit
PLL0
bit
Stereo
/TDM
Ref.
Clock
MCLK
Freq.
I/O
BICK
Freq.
(Stereo)
BICK
Freq.
(TDM)
I/O
LRCK
(fs) Freq.
Table 22
I/O
PLL
Lock
Time
(max.)
0
0
0
0
0
Stereo
BICK
512fs O
64fs
N/A
I
Mode 0 - 8
I
2ms
1
0
0
0
1
Stereo
BICK
256fs O
64fs
N/A
I
Mode 0 - 11
I
2ms
2
0
0
1
0
Stereo
BICK
128fs O
64fs
N/A
I Mode 12 - 14 I
2ms
3
0
0
1
1
Stereo
TDM256
LRCK 512fs O
32fs,
64fs,
128fs,
256fs
256fs
I
Mode 0 - 8
I
40ms
14
1
1
1
0
Stereo
TDM256
LRCK 256fs O
32fs,
64fs,
128fs
256fs
I
Mode 0 - 11
I
40ms
15
1
1
1
1
Stereo
TDM128
LRCK 128fs O
32fs,
64fs
128fs
I Mode 12 - 14 I
40ms
(N/A: Not Available)
Table 26. PLL Slave Mode Setting (Serial Control Mode)
In PLL slave mode, FS3-0 bits have to be set according to the sampling clock (LRCK) frequency. (Table
22)
MCLK
BICK
LRCK
SDTO
BICK
LRCK
SDTI
AK5522
DSP or
P
11.2896MHz
12.288MHz
128fs, 256fs
1fs
PLL Ref. Clock
MCLK
BICK
LRCK
SDTO
BICK
LRCK
SDTI
AK5522
DSP or
P
11.2896MHz, 12MHz,
12.288MHz, 13MHz,
13.5MHz, 16MHz, 19.2MHz,
24MHz, 26MHz, 27MHz
32fs, 64fs,
128fs, 256fs
1fs
PLL Ref. Clock


Podobny numer części - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Podobny opis - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com