Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4676A Arkusz danych(PDF) 91 Page - Linear Technology

Numer części LTM4676A
Szczegółowy opis  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Arkusz danych(HTML) 91 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 87Page - Linear Technology LTM4676A Datasheet HTML 88Page - Linear Technology LTM4676A Datasheet HTML 89Page - Linear Technology LTM4676A Datasheet HTML 90Page - Linear Technology LTM4676A Datasheet HTML 91Page - Linear Technology LTM4676A Datasheet HTML 92Page - Linear Technology LTM4676A Datasheet HTML 93Page - Linear Technology LTM4676A Datasheet HTML 94Page - Linear Technology LTM4676A Datasheet HTML 95Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
LTM4676A
91
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
PWM CONFIG
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_PWM_MODE
0xD4
Configuration for the PWM engine of each channel.
R/W Byte
Y
Reg
Y
0xC1
MFR_PWM_CONFIG
0xF5
Set numerous parameters for the DC/DC controller
including phasing.
R/W Byte
N
Reg
Y
0x10
FREQUENCY_SWITCH
0x33
Switching frequency of the controller.
R/W Word
N
L11
kHz
Y
500
0xFBE8
MFR_PWM_MODE
The MFR_PWM_MODE command allows the user to program the PWM controller to use, discontinuous (pulse-skipping
mode), or forced continuous conduction mode.
BIT
MEANING
7
Range of ILIMIT
0 – Low Current Range
1 – High Current Range
6
Enable Servo Mode
5
Reserved
4
Page 0 Only: Use of TSNS1a-Sensed Temperature Telemetry
0 - Temperature sensed via TSNS1a is used to temperature-correct the current-sense information digitized by Channel 1's current sense input,
ISNS1a+/ISNS1a–.
1 - Temperature sensed via TSNS0a is used to temperature-correct the current-sense information digitized by Channel 1's current sense input,
ISNS1a+/ISNS1a–. Telemetry obtained from the thermal sensor connected to TSNS1a can be external to the module, if desired.
3
Reserved
2
Reserved
1
Voltage Range
0 - Hi Voltage Range 5.5 volts max
1 - Lo Voltage Range 2.75 volts max
0
PWM Mode
0 - Discontinuous Mode
1 - Continuous Mode
Whenever the channel is ramping on, the PWM mode will be discontinuous, regardless of the value of this
command.
Bit [7] of this command determines if the part is in high range or low range of the IOUT_OC_FAULT_LIMIT command.
Changing this bit value changes the PWM loop gain and compensation. Changing this bit value whenever an output is
active may have detrimental system results.
Bit [6] The LTM4676A will not servo while the part is OFF, ramping on or ramping off. When set to a one, the output servo
is enabled. The output set point DAC will be slowly adjusted to minimize the difference between the READ_VOUT_ADC
and the VOUT_COMMAND (or the appropriate margined value).
Bit [1] of this command determines if the part is in high range or low voltage range. Changing this bit value changes
the PWM loop gain and compensation. This bit value cannot be changed when an output is active.
This command has one data byte.


Podobny numer części - LTM4676A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Podobny opis - LTM4676A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com