Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4676EY Arkusz danych(PDF) 7 Page - Linear Technology

Numer części LTM4676EY
Szczegółowy opis  26A Step-Down 關Module Regulator with PMBus Power System Management
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4676EY Arkusz danych(HTML) 7 Page - Linear Technology

Back Button LTM4676EY Datasheet HTML 2Page - Linear Technology LTM4676EY Datasheet HTML 3Page - Linear Technology LTM4676EY Datasheet HTML 4Page - Linear Technology LTM4676EY Datasheet HTML 5Page - Linear Technology LTM4676EY Datasheet HTML 6Page - Linear Technology LTM4676EY Datasheet HTML 7Page - Linear Technology LTM4676EY Datasheet HTML 8Page - Linear Technology LTM4676EY Datasheet HTML 9Page - Linear Technology LTM4676EY Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc2087af
DEMO MANUAL DC2087A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
CIN1
CAP., 150µF, 35V, ALUMINUM ELECTR.,
SUN ELECT., 35CE150AX
2
2
CIN2, CIN4,
CAP., X5R, 10µF, 35V, 10%,1210
MURATA, GRM32ER6YA106KA12
3
6
COUT1-COUT3, COUT6-COUT8
CAP., X5R, 100µF, 6.3V, 20% 1210
MURATA, GRM32ER60J107ME20L
4
2
COUT4, COUT5
CAP., 330µF, 6.3V, POSCAP,D3L
SANYO, 6TPF330M9L
5
1
C14
CAP., X7R, 2200pF, 25V, 10%, 0603
MURATA, GRM188R71E222KA01D
6
1
C15
CAP., X7R, 68pF, 25V, 10%, 0603
AVX., 06033A680KAT2A
7
1
C20
CAP., X5R, 0.1µF, 16V, 10%,0603
MURATA, GRM188R61C104KA01D
8
1
C21
CAP., X5R, 1µF, 25V,10%, 0603
MURATA, GRM188R61E105KA12D
9
1
JP1
HEADER 3 PIN 0.079 SINGLE ROW
SAMTEC, TMM103-02-L-S
10
2
J2, J4
CONN, BNC, 5PINS
CONNEX, 112404
11
1
J1
CONN HEADER 12POS 2MM STR DL PCB
FCI 98414-G06-12ULF
12
2
J9, J10
BANANA SMALL
KEYSTONE, 575-4
13
2
J7, J8
STUD, TEST PIN
PEM KFH-032-10
14
4
J7, J8 X2
NUT, BRASS 10-32
ANY, #10-32M/S BR PL
15
2
J7, J8
RING, LUG #10
KEYSTONE, 8205
16
2
J7, J8
WASHER, TIN PLATED BRASS
ANY, #10 EXT BZ TN
17
1
Q1
MOSFET, N-CH 40V 50A TO-252
VISHAY, SUD50N04-8M8P-4GE3
18
8
R3, R5, R7, R9, R19, R25, R32, R40
RES., CHIP, 0Ω, 1%, 0603
NIC, NRC06ZOTR
19
11
R10-R15, R18, R24, R46, R47, R52
RES., CHIP, 10k, 1%, 0603
NIC, NRC06F1002TRF
20
1
R27
RES., CHIP, 22.6k, 1%, 0603
VISHAY, CRCW060322K6FKEA
21
2
R44, R45
RES., CHIP, 4.99k, 1%, 0603
NIC, NRC06F4991TRF
22
1
R22
RES., CHIP, 4.75k, 1%, 0603
VISHAY, CRCW06034K75FKEA
23
3
R17, R35, R38
RES., CHIP, 0Ω, 0.5W, 1210
VISHAY, CRCW12100000Z0EF
24
1
R53
RES., CHIP, 0.01, 1/2W, 1%, 2010
VISHAY, WSL2010R0100FEA
25
1
U1
IC, LTM4676EY#PBF
LINEAR TECH. LTM4676EY#PBF
26
1
U2
IC, EEPROM 2KBIT 400KHZ SOT23-6
MICROCHIP, 24LC025T-E/OT
Additional Demo Board Circuit Components
1
0
C16, C17, COUT9, COUT10 (OPT)
CAP., OPTIONAL
OPT
2
0
R4, R6, R8, R20, R23, R33, R34 (OPT)
RES., 0603
OPT
3
0
R36, R37, R39, R16, R26, R28-R31 (OPT) RES., CHIP OPTIONAL
OPT
4
0
R50 (OPT)
RES., CHIP, 30Ω, 1%, 2512
OPT
Hardware-For Demo Board Only
1
21
E2-E6, E8-E20, E22-E24
TESTPOINT, TURRET, 0.062"
MILL-MAX, 2308-2-00-80-00-00-07-0
2
1
XJP1
SHUNT
SAMTEC, 2SN-BK-G
3
4
(STAND-OFF)
STAND-OFF, NYLON 0.50" tall
KEYSTONE, 8833 (SNAP ON)
4
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 2087A


Podobny numer części - LTM4676EY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676 LINER-LTM4676 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4676 LINER-LTM4676 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 110P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTM4676A AD-LTM4676A Datasheet
4Mb / 118P
   25A, Dual PolyPhase Regulator with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results

Podobny opis - LTM4676EY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
   130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
logo
Maxim Integrated Produc...
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
logo
Linear Technology
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
   6A Step-Down Power 關Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
logo
Texas Instruments
LM5056 TI-LM5056 Datasheet
1Mb / 46P
[Old version datasheet]   High-Voltage System Power Management Device with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com