Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM8055 Arkusz danych(PDF) 15 Page - Linear Technology

Numer części LTM8055
Szczegółowy opis  36VIN, 8.5A Buck-Boost 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Arkusz danych(HTML) 15 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 11Page - Linear Technology LTM8055 Datasheet HTML 12Page - Linear Technology LTM8055 Datasheet HTML 13Page - Linear Technology LTM8055 Datasheet HTML 14Page - Linear Technology LTM8055 Datasheet HTML 15Page - Linear Technology LTM8055 Datasheet HTML 16Page - Linear Technology LTM8055 Datasheet HTML 17Page - Linear Technology LTM8055 Datasheet HTML 18Page - Linear Technology LTM8055 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM8055
15
8055fb
For more information www.linear.com/LTM8055
Switching Mode
TheMODEpinallowstheusertoselecteitherdiscontinuous
mode or forced continuous mode switching operation. In
forcedcontinuousmode,theLTM8055willnotskipcycles,
evenwhentheinternalinductorcurrentfallstozerooreven
reverses direction. This has the advantage of operating at
the same fixed frequency for all load conditions, which can
be useful when designing to EMI or output noise speci-
fications. Forced continuous mode, however, uses more
current at light loads, and allows current to flow from the
load back into the input if the output is raised above the
regulation point. This reverse current can raise the input
voltage and be hazardous if the input is allowed to rise
uncontrollably. Please refer to Input Precautions in this
section for a discussion of this behavior.
Forced continuous operation may provide improved
output regulation when the LTM8055 transitions from
buck, buck-boost or boost operating modes, especially at
lighter loads. In such a case, it can be desirable to oper-
ate in forced continuous mode except when the internal
inductor current is about to reverse. If so, apply a current
sense resistor between VOUT and IOUT and tie the LL and
MODE pins together. The LL pin is low when the current
through the output sense resistor is about one-tenth the
full-scale maximum. When the output current falls to this
level, the LL pin will pull the MODE pin down, putting the
LTM8055 in discontinuous mode, preventing reverse cur-
rent from flowing from the output to the input. In the case
where MODE and LL are tied together, a small capacitor
(~0.1µF) from these pins to GND may improve the light
load transient response by delaying the transition from
the discontinuous to forced continuous switching modes.
MODE may be tied to GND for the purpose of blocking
reverse current if no output current sense resistor is used.
FB Resistor Divider and Load Regulation
The LTM8055 regulates its FB pin to 1.2V, using a resistor
divider to sense the output voltage. The location at which
the output voltage is sensed affects the load regulation.
If there is a current sense resistor between VOUT and
IOUT, and the output is sensed at VOUT, the voltage at the
load will drop by the value of the current sense resistor
multiplied by the output current. If the output voltage can
be sensed at IOUT, the load regulation may be improved.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8055. The LTM8055 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 6
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place the RFB and RT resistors as close as possible to
their respective pins.
APPLICATIONS INFORMATION
VIN
ZENER
DIODE
R
Q
8055 F05a
LTM8055
LOAD
CURRENT
GND
VOUT
SOURCING
LOAD
VIN
RUN
8055 F05b
10µF
LTM8055
LOAD
CURRENT
GND
VOUT
SOURCING
LOAD
EXTERNAL
REFERENCE
VOLTAGE
+
Figure 5a. The MOSFET Q Dissipates Momentary Energy to
GND. The Zener Diode and Resistor Are Chosen to Ensure That
the MOSFET Turns On Above the Maximum VIN Voltage Under
Normal Operation
Figure 5b. This Comparator Circuit Turns Off the LTM8055 if
the Input Rises Above a Predetermined Threshold. When the
LTM8055 Turns Off, the Energy Stored in the Internal Inductor
Will Raise VIN a Small Amount Above the Threshold


Podobny numer części - LTM8055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8055 LINER-LTM8055 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8055 AD-LTM8055 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM8055 AD-LTM8055 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
LTM8055 AD-LTM8055 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results

Podobny opis - LTM8055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
   36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
   36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
   36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com