Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM8056 Arkusz danych(PDF) 8 Page - Linear Technology

Numer części LTM8056
Szczegółowy opis  58VIN, 48VOUT Buck-Boost 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Arkusz danych(HTML) 8 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 4Page - Linear Technology LTM8056 Datasheet HTML 5Page - Linear Technology LTM8056 Datasheet HTML 6Page - Linear Technology LTM8056 Datasheet HTML 7Page - Linear Technology LTM8056 Datasheet HTML 8Page - Linear Technology LTM8056 Datasheet HTML 9Page - Linear Technology LTM8056 Datasheet HTML 10Page - Linear Technology LTM8056 Datasheet HTML 11Page - Linear Technology LTM8056 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM8056
8
8056fa
For more information www.linear.com/LTM8056
PIN FUNCTIONS
RT(PinH1):TimingResistor.TheRTpinisusedtoprogram
the switching frequency of the LTM8056 by connecting a
resistor from this pin to ground. The range of oscillation is
100kHzto800kHz.TheApplicationsInformationsectionof
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin. A resistor to ground must be ap-
plied under all circumstances.
SYNC(PinH2):ExternalSynchronizationInput.TheSYNC
pin has an internal pull-down resistor. See the Synchroni-
zation section in Applications Information for details. Tie
this pin to GND when not used.
FB (Pin J1): Output Voltage Feedback. The LTM8056
regulates the FB pin to 1.2V. Connect the FB pin to a
resistive divider between the output and GND to set the
output voltage. See Table 1 for recommended FB divider
resistor values.
COMP (Pin J2): Compensation Pin. The LTM8056 is
equipped with internal compensation that works well with
most applications. In some cases, the performance of the
LTM8056 can be enhanced by modifying the control loop
compensation by applying a capacitor or RC network to
this pin.
SS (Pin K1): Soft-Start. Connect a capacitor from this pin
to GND to increase the soft-start time. Soft-start reduces
the input power source’s surge current by gradually in-
creasing the controller’s current limit. Larger values of the
soft-start capacitor result in longer soft-start times. If no
soft-start is required, leave this pin open.
CTL (Pin K2): Current Sense Adjustment. Apply a voltage
below 1.2V to reduce the current limit threshold of IOUT.
Drive CTL to less than about 50mV to stop switching. The
CTL pin has an internal pull-up resistor to 2V. If not used,
leave this pin open.
IOUTMON (Pin L2): Output Current Monitor. This pin pro-
duces a voltage that is proportional to the voltage between
VOUT and IOUT. IOUTMON will equal 1.2V when VOUT – IOUT
= 58mV. This feature is generally useful only if a current
sense resistor is applied between VOUT and IOUT. This is
a high impedance output. Use a buffer to drive a load.
IINMON (Pin L3): Input Current Monitor. This pin produces
a voltage that is proportional to the voltage between IIN
and VIN. IINMON will equal 1V when IIN-VIN = 50mV. This
feature is generally useful only if a current sense resistor
is applied between VIN and IIN.
RUN(PinL4):LTM8056Enable.RaisetheRUNpinvoltage
above 1.2V for normal operation. Above 1.2V (typical), but
below 6V, the RUN pin input bias current is less than 1μA.
Below 1.2V and above 0.3V, the RUN pin sinks 3μA so
the user can define the hysteresis with the external resis-
tor selection. This will also reset the soft-start function.
If RUN is 0.3V or less, the LTM8056 is disabled and the
SVIN quiescent current is below 1μA.
IIN (Pin L9): Input Current Sense. Tie this pin to the input
current sense resistor. The input average current sense
threshold is 50mV, so the LTM8056 will regulate the input
current to 50mV/RSENSE, where RSENSE is the value of the
input current sense resistor in ohms. Tie to VIN when not
used.Keepthispinwithin±0.5VofVINunderallconditions.


Podobny numer części - LTM8056

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTM8056 AD-LTM8056 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Podobny opis - LTM8056

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
   58VIN, 48VOUT Buck-Boost Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com