Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AUIRS1170S Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części AUIRS1170S
Szczegółowy opis  automotive qualified smart secondary-side driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRS1170S Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  AUIRS1170S Datasheet HTML 1Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 2Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 3Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 4Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 5Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 6Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 7Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 8Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AUIRS1170S
4
Rev. 2.3
2016-09-03
Static Electrical Characteristics
VCC=15V and -40
°C≤TA≤125°C unless otherwise specified. The output voltage and current (Vo and Io)
parameters are referenced to Vs (pin6).
SUPPLY SECTION
COMPARATOR SECTION
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VCCUV+
Vcc Turn On Threshold
9.4
10.2
11.1
V
VCCUV-
Vcc Turn Off Threshold (UVLO)
8.2
9.3
10.1
VCCHYST
Vcc Turn On/Off Hysteresis
1.7
ICC
Operating Current
45
80
mA
CLOAD=10nF,fSW=400kHz
IQCC
Quiescent Current
1.8
2.4
ICC START
Start-up Current
100
200
A
VCC=VCCUV+ -0.1V
ISLEEP
Sleep Current
150
200
VEN=0V,
VENHI
Enable Voltage High
2.15
2.70
3.4
V
VENLO
Enable Voltage Low
1.2
1.6
2.2
REN
Enable Pull-up Resistance
1.5
M
Symbol
Definition
Min
Typ Max Units Test Conditions
VTH1
Turn-off Threshold
-11
-5
0
mV
Vcc = 18V
VTH2
Turn-on Threshold
-150
-100
-60
Vcc = 18V
VHYST
Hysteresis
90
Vcc = 18V
IIBIAS1
Input Bias Current
45
60
A
VD= - 20mV
Vcc = 18V
Ho = low


Podobny numer części - AUIRS1170S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
AUIRS2003S IRF-AUIRS2003S Datasheet
338Kb / 15P
   HALF-BRIDGE DRIVER
AUIRS2003S IRF-AUIRS2003S Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2003S IRF-AUIRS2003S_15 Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Floating channel designed for bootstrap operation
More results

Podobny opis - AUIRS1170S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
   Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
   Automotive Qualified
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
   Automotive Qualified
logo
Texas Instruments
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com