Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS3125EJ Arkusz danych(PDF) 11 Page - Infineon Technologies AG

Numer części BTS3125EJ
Szczegółowy opis  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3125EJ Arkusz danych(HTML) 11 Page - Infineon Technologies AG

Back Button BTS3125EJ Datasheet HTML 7Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 8Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 9Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 10Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 11Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 12Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 13Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 14Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Datasheet
11
Rev. 1.0
2016-09-12
HITFET - BTS3125EJ
Smart Low-Side Power Switch
General Product Characteristics
4.3
Thermal Resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
4.3.1
PCB set up
The following PCB set up was implemented to determine the transient thermal impedance1)
Figure 4
Cross section JEDEC2s2p
Table 4
Thermal Resistance PG-TDSO8-31
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to Soldering Point
RthJSP
–5.7
–K/W
1) 2)
1) Not subject to production test, specified by design
2) Specified RthJSP value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient
temperature).
TA = 85°C. Device is loaded with 1 W power.
P_4.3.6
Junction to Ambient (2s2p)
RthJA(2s2p)
39
K/W
1) 3)
3) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board;
The product (Chip + Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm
Cu, 2 x 35 µm Cu). Where applicable a thermal via array under the ex posed pad contacted the first inner copper layer.
TA = 85°C, Device is loaded with 1 W power.
P_4.3.12
Junction to Ambient
(1s0p+600 mm2 Cu)
RthJA(1s0p)
50
K/W
1) 4)
4) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 1s0p board;
The product (Chip + Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper
area of 600 mm2 and 70 µm thickness. TA = 85°C, Device is loaded with 1 W power.
P_4.3.18
Junction to Ambient
(1s0p+300 mm2 Cu)
RthJA(1s0p) –60
K/W
1) 5)
5) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 1s0p board;
The product (Chip + Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper
area of 300 mm2 and 70 µm thickness. TA = 85°C, Device is loaded with 1 W power.
P_4.3.24
1) (*) means percentual Cu metalization on each layer
 
70µm modelled (traces)
35µm, 100% metalization*
70µm, 5% metalization*


Podobny numer części - BTS3125EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3125TF INFINEON-BTS3125TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Podobny opis - BTS3125EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com