Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3213 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części FAN3213
Szczegółowy opis  Dual-4 A, High-Speed, Low-Side Gate Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3213 Arkusz danych(HTML) 1 Page - ON Semiconductor

  FAN3213 Datasheet HTML 1Page - ON Semiconductor FAN3213 Datasheet HTML 2Page - ON Semiconductor FAN3213 Datasheet HTML 3Page - ON Semiconductor FAN3213 Datasheet HTML 4Page - ON Semiconductor FAN3213 Datasheet HTML 5Page - ON Semiconductor FAN3213 Datasheet HTML 6Page - ON Semiconductor FAN3213 Datasheet HTML 7Page - ON Semiconductor FAN3213 Datasheet HTML 8Page - ON Semiconductor FAN3213 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2008 Semiconductor Components Industries, LLC.
Publication Order Number:
FAN3214 /D
October-2017, Rev.2
FAN3213 / FAN3214
Dual-4 A, High-Speed, Low-Side Gate Drivers
Features
Industry-Standard Pin Out
4.5 to 18 V Operating Range
5 A Peak Sink/Source at V
DD = 12 V
4.3 A Sink / 2.8 A Source at V
OUT = 6 V
TTL Input Thresholds
Tw o Versions of Dual Independent Drivers:
- Dual Inverting (FAN3213)
- Dual Non-Inverting (FAN3214)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12 ns / 9 ns Typical Rise/Fall Times w ith 2.2 nF
Load
Typical Propagation Delay Under 20 ns Matched
w ithin 1 ns to the Other Channel
Double Current Capability by Paralleling Channels
Standard SOIC-8 Package
Rated from –40°C to +125°C Ambient
Automotive Qualified to AEC-Q100 (F085 Version)
Applications
Sw itch-Mode Pow er Supplies
High-Efficiency MOSFET Sw itching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Automotive-Qualified Systems (F085 version)
Description
The FA N3213 and FAN3214 dual 4 A gate drivers are
designed
to
drive
N-channel
enhancement- mode
MOSFETs
in
low -side
sw itching
applications
by
providing high peak current pulses dur ing the short
sw itching intervals. They are both available w ith TTL
input thresholds. Internal circuitry provides an under-
voltage lockout function by holding the output LOW until
the supply voltage is w ithin the operating range. In
addition,
the
drivers
feature
matched
internal
propagation delays betw een A and B channels for
applications requir ing dual gate drives w ith critical
timing, such
as
synchronous
rectifiers.
This
also
enables connecting tw o drivers in parallel to effectively
double the current capability driving a single MOSFET.
The FA N3213/14 drivers incorporate Miller Drive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize sw itching loss, w hile providing rail-
to-rail voltage sw ing and reverse current capability.
The FAN3213 offers tw o inverting drivers and the
FA N3214 offers tw o non-inverting drivers. Both are
offered in a standard 8-pin SOIC package.
1
NC
INA
GND
NC
VDD
INB
OUTA
OUTB
2
3
4
8
6
5
A
7
B
1
NC
VDD
OUTA
OUTB
2
3
4
8
6
5
7
A
B
NC
INA
GND
INB
FAN3213
FAN3214
Figure 1. Pin Configurations


Podobny numer części - FAN3213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com