Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3240 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części FAN3240
Szczegółowy opis  Smart Dual-Coil Relay Drivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3240 Arkusz danych(HTML) 5 Page - ON Semiconductor

  FAN3240 Datasheet HTML 1Page - ON Semiconductor FAN3240 Datasheet HTML 2Page - ON Semiconductor FAN3240 Datasheet HTML 3Page - ON Semiconductor FAN3240 Datasheet HTML 4Page - ON Semiconductor FAN3240 Datasheet HTML 5Page - ON Semiconductor FAN3240 Datasheet HTML 6Page - ON Semiconductor FAN3240 Datasheet HTML 7Page - ON Semiconductor FAN3240 Datasheet HTML 8Page - ON Semiconductor FAN3240 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
4
Configurations
The FAN324x products are set at the factory with the following configurations.
tQUAL
tMAX
OUT Mode
FAN3240
15 ms
150 ms
tOUT = tIN
FAN3241
1 ms
30 ms
tOUT = tMAX
Contact your Fairchild sales representatives for additional configurations. The parameter
tQUAL can be configured between 128 µs
and 20 ms and
tMAX can be programmed between 1 ms and 350 ms.
where:
tQUAL:
Qualification Time. The minimum input pulse width duration recognized as a valid input command.
tMAX:
Maximum Output Pulse Width. Output pulses are terminated after this time interval even if the input
pulse is longer or held in a HIGH state continuously.
OUT Mode: Output Mode. TheFAN324x offers two fundamentally different output pulse generation methods:
tOUT = tIN < tMAX. In this mode, the output pulse duration (tOUT) replicates the length of the input pulse
(tIN) up to tMAX.
tOUT = tMAX. The output is on for a fixed time interval of tMAX, regardless of the input pulse width.
The mode of operation has no impact on the qualification requirements or on the maximum output pulse
width limiting. In both output operating modes, the qualification requirement must be met (tIN > tQUAL) to
produce an output pulse.
Output Logic
(7)
EN
IN1
IN2
OUT1
OUT2
0
0
0
H
H
0
0
1
H
H
0
1
0
H
H
0
1
1
H
H
1
0
0
H
H
1
0
1
H
L
1
1
0
L
H
1
1
1
H
H
Note:
7.
Inputs and EN are defined as logic signals (positive logic; 1 is active), outputs are defined as HIGH or LOW
impedance due to the open-drain output structures. Low output impedance is needed to energize the relay coil.


Podobny numer części - FAN3240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
More results

Podobny opis - FAN3240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com