Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP350PS18 Arkusz danych(PDF) 2 Page - XP Power Limited

Numer części SMP350PS18
Szczegółowy opis  AC-DC Power Supplies 350 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMP350PS18 Arkusz danych(HTML) 2 Page - XP Power Limited

  SMP350PS18 Datasheet HTML 1Page - XP Power Limited SMP350PS18 Datasheet HTML 2Page - XP Power Limited SMP350PS18 Datasheet HTML 3Page - XP Power Limited SMP350PS18 Datasheet HTML 4Page - XP Power Limited SMP350PS18 Datasheet HTML 5Page - XP Power Limited SMP350PS18 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input
Output
SMP350 Series
www.xppower.com
2
AC-DC Power Supplies
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
85
264
VAC
Derate below 90 VAC to 90% load at 85 VAC
Input Frequency
47
63
Hz
Power Factor
0.9
EN6100-3-2 for class A, Class C >125 W
Input Current
4.7
A
90 VAC, 100% load
No Load Input Power
1.25/2.6
W
115 VAC/230 VAC when inhibited
Inrush Current
130
A
230 VAC, cold start 25 °C
Earth Leakage Current
500
µA
264 VAC/60 Hz. For reduced leakage current medical
versions (<300 µA) contact sales.
Fuse Protection
F5.0A/250V fitted in both line and neutral
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
Of nominal at 50% load
Output Voltage Adjustment -V1
±2
%
Load Regulation
1%
Line Regulation
±0.5
%
Of nominal, for input voltage range of 90-264 VAC
Ripple and Noise
1%
Pk-pk with 20 MHz bandwidth, 1.5% 12 V models
Hold Up Time
10
ms
Minimum Load
No minimum load required
Transient Response
<4
%
Deviation with a 50%-75%-50% load change. Output
returns to within 1% in less than 500 µs
Overload Protection - V1
110
150
%
Trip and Restart
Overvoltage Protection - V1
115
140
%
Cycle AC to reset
Overtemperature Protection
Thermal protection fitted
Remote On/Off
<0.4 V to switch off, open cct or >4 V to switch on
Temperature Coefficient
0.02
%/°C
After 20 minute warm up
Start Up Time
1s
115/230 VAC, full load
Overshoot
5%
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
87
90
93
%
See figures 2 – 4 below
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 x MOPP
1500
VAC
1 x MOPP
1500
VAC
1 x MOPP
Switching Frequency
60
200
kHz
PFC
90
150
Main Converter
Mean Time Between Failure
570
kHrs
MIL-HDBK-217F, notice 2, +25 °C GB
Power Density
13
W/in3
Weight
1.5 (0.68)
lb (kg)


Podobny numer części - SMP350PS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
logo
Vishay Siliconix
SMP30 VISHAY-SMP30 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP30 VISHAY-SMP30 Datasheet
95Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SMP30 VISHAY-SMP30 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
logo
STMicroelectronics
SMP30-100 STMICROELECTRONICS-SMP30-100 Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
More results

Podobny opis - SMP350PS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
   AC-DC Power Supplies 10 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
Integrated Power Design...
NXT-325 IPDPOWER-NXT-325 Datasheet
430Kb / 2P
   350 WATTS SINGLE OUTPUT AC-DC
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com