Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSD57030 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TSD57030
Szczegółowy opis  RF POWER TRANSISTORS The LdmoST FAMILY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD57030 Arkusz danych(HTML) 4 Page - STMicroelectronics

  TSD57030 Datasheet HTML 1Page - STMicroelectronics TSD57030 Datasheet HTML 2Page - STMicroelectronics TSD57030 Datasheet HTML 3Page - STMicroelectronics TSD57030 Datasheet HTML 4Page - STMicroelectronics TSD57030 Datasheet HTML 5Page - STMicroelectronics TSD57030 Datasheet HTML 6Page - STMicroelectronics TSD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD57030
4/7
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
C19
200
µF / 63V ALLUMINIUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C18, C14
0.1
µF / 500V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C17
100 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C16, C12, C11,C1
47 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C15
10
µF / 50V ALUMINIUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C13
100 pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C9, C2
0.8-8.0 pF GIGA TRIM VARIABLE CAPACITOR
C8
6.2 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C7, C6, C5 ,C4
10 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3
3 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
R3
120 0-IM, 2W SURFACE MOUNT CERAMIC CHIP CAPACITOR
R2
4.7 M OHM 1W SURFACE MOUNT CERAMIC CHIP CAPACITOR
R1
18 K OHM, 1W SURFACE MOUNT CERAMIC CHIP CAPACITOR
FB2, FB1
SHIELD BEAD SURFACE MOUNT EMI
L2, L1
INDUCTOR, 5 TURNS AIR WOUND #22AWG, ID=0.059[1.49], NYLON COATED MAGNET
WIRE
PCB
WOVEN FIBERGLASS REINFORCED PTFE 0.080’’ THK,
εr=2.55, 2 Oz EDCu BOTH SIDE
V
IN
RF
G
G +
+
OUT
RF
+
D
+
D
V
NOTES:
1. DIMENSIONS AT COMPONENT SYMBOLS ARE REFERENCE FOR COMPONENT PLACEMENT.
2. GAP BETWEEN GROUND & TRANSMISSION LINE = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] TYP.
3. DIMENSIONS OF INPUT AND OUTPUT COMPONENT FROM EDGE OF TRANSMISSION LINES.


Podobny numer części - TSD57030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TSD57045 STMICROELECTRONICS-TSD57045 Datasheet
234Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57045-01 STMICROELECTRONICS-TSD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57060 STMICROELECTRONICS-TSD57060 Datasheet
73Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57060-01 STMICROELECTRONICS-TSD57060-01 Datasheet
71Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
More results

Podobny opis - TSD57030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
   RF power transistors The LdmoST Plastic family
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
   RF Power Transistors The LdmoST Plastic FAMILY
PD54003L STMICROELECTRONICS-PD54003L Datasheet
83Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD54008L STMICROELECTRONICS-PD54008L Datasheet
92Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com