Zakładka z wyszukiwarką danych komponentów |
|
ISL21010DFH312Z-T Arkusz danych(PDF) 4 Page - Renesas Technology Corp |
|
ISL21010DFH312Z-T Arkusz danych(HTML) 4 Page - Renesas Technology Corp |
4 / 37 page ISL21010 FN7896 Rev 5.00 Page 4 of 37 Mar 30, 2018 Ordering Information PART NUMBER (Notes 1, 2, 3, 4) PART MARKING TAPE & REEL QUANTITY (UNITS) VOUT OPTION (V) INITIAL ACCURACY (%) TEMP. RANGE (°C) PACKAGE (RoHS Compliant) PKG. DWG. # ISL21010DFH310Z-T BEBA 3k 1.024 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010DFH310Z-TK BEBA 1k 1.024 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010DFH310Z-T7A BEBA 250 1.024 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010DFH312Z-T BECA 3k 1.25 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010DFH312Z-TK BECA 1k 1.25 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010DFH312Z-T7A BECA 250 1.25 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH315Z-TK BDRA 1k 1.5 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH315Z-T7A BDRA 250 1.5 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH320Z-TK BDSA 1k 2.048 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH320Z-T7A BDSA 250 2.048 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH325Z-TK BDTA 1k 2.5 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH325Z-T7A BDTA 250 2.5 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH330Z-TK BDVA 1k 3.0 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH330Z-T7A BDVA 250 3.0 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH333Z-TK BDWA 1k 3.3 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH333Z-T7A BDWA 250 3.3 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH341Z-TK BDYA 1k 4.096 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL21010CFH341Z-T7A BDYA 250 4.096 ±0.2 -40 to +125 3 Ld SOT-23 P3.064 ISL2101010EV1Z ISL21010DFH310Z Evaluation Board ISL2101012EV1Z ISL21010DFH312Z Evaluation Board ISL2101015EV1Z ISL21010CFH315Z Evaluation Board NOTES: 1. Refer to TB347 for details about reel specifications. 2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), see the ISL21010DFH310, ISL21010DFH312, ISL21010CFH315, ISL21010CFH320, ISL21010CFH325, ISL21010CFH330, ISL21010CFH333, ISL21010CFH341 product information pages. For more information about MSL, see TB363. 4. The part marking is located on the bottom of the part. |
Podobny numer części - ISL21010DFH312Z-T |
|
Podobny opis - ISL21010DFH312Z-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |