Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28271 Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części ISL28271
Szczegółowy opis  Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28271 Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button ISL28271 Datasheet HTML 6Page - Renesas Technology Corp ISL28271 Datasheet HTML 7Page - Renesas Technology Corp ISL28271 Datasheet HTML 8Page - Renesas Technology Corp ISL28271 Datasheet HTML 9Page - Renesas Technology Corp ISL28271 Datasheet HTML 10Page - Renesas Technology Corp ISL28271 Datasheet HTML 11Page - Renesas Technology Corp ISL28271 Datasheet HTML 12Page - Renesas Technology Corp ISL28271 Datasheet HTML 13Page - Renesas Technology Corp ISL28271 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL28271, ISL28272
Rev X.00
Page 10 of 14
Pin Descriptions
ISL28271
16 Ld QSOP
ISL28272
16 Ld QSOP
PIN NAME
EQUIVALENT
CIRCUIT
PIN FUNCTION
2, 15
2, 15
OUT_A,
OUT_B
Circuit 3
Output Voltage. A complementary Class AB common-source output stage drives
the output of each channel. When disabled, the outputs are in a high impedance
state.
3, 14
3, 14
FB+_A,
FB+_B
Circuit 1A,
Circuit 1B
Positive Feedback high impedance terminals. ISL28272 input circuit is shown in
Circuit 1A, and the ISL28271 input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
4, 13
4, 13
FB-_A,
FB-_B
Circuit 1A,
Circuit 1B
Negative Feedback high impedance terminals. The FB- pins connect to an
external resistor divider to individually set the desired gain of the in-amp.
ISL28272 input circuit is shown in Circuit 1A, and the ISL28271 input circuit is
shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
5, 12
5, 12
IN-_A,
IN-_B
Circuit 1A,
Circuit 1B
High impedance Inverting input terminals. Connect to the low side of the input
source signal. ISL28272 input circuit is shown in Circuit 1A, and the ISL28271
input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
6, 11
6, 11
IN+_A,
IN+_B
Circuit 1A,
Circuit 1B
High impedance Non-inverting input terminals. Connect to the high side of the
input source signal. ISL28272 input circuit is shown in Circuit 1A, and the
ISL28271 input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
7, 10
7, 10
EN_A,
EN_B
Circuit 2
Active LOW logic pins. When pulled above 2V, the corresponding channel turns
off and OUT is high impedance. A channel is enabled when pulled below 0.8V.
Built-in pull downs define each EN pin LOW when left floating.
16
16
V+
Circuit 4
Positive Supply terminal shared by all channels.
8
8
V-
Circuit 4
Negative Supply terminal shared by all channels. Grounded for single supply
operation.
1, 9
1, 9
NC
No Connect, pins can be left floating or grounded.
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1A
CIRCUIT 2
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V-
CIRCUIT 1B
FB-
IN-
FB-
IN+
FB+
IN+
FB+


Podobny numer części - ISL28271

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271 INTERSIL-ISL28271 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271 INTERSIL-ISL28271 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28271FAZ INTERSIL-ISL28271FAZ Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271FAZ INTERSIL-ISL28271FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Podobny opis - ISL28271

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com