Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6918 Arkusz danych(PDF) 7 Page - Infineon Technologies AG

Numer części ADM6918
Szczegółowy opis  18 port 10/100 Mbps Ethernet Switch Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM6918 Arkusz danych(HTML) 7 Page - Infineon Technologies AG

Back Button ADM6918 Datasheet HTML 3Page - Infineon Technologies AG ADM6918 Datasheet HTML 4Page - Infineon Technologies AG ADM6918 Datasheet HTML 5Page - Infineon Technologies AG ADM6918 Datasheet HTML 6Page - Infineon Technologies AG ADM6918 Datasheet HTML 7Page - Infineon Technologies AG ADM6918 Datasheet HTML 8Page - Infineon Technologies AG ADM6918 Datasheet HTML 9Page - Infineon Technologies AG ADM6918 Datasheet HTML 10Page - Infineon Technologies AG ADM6918 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
Data Sheet
7
Rev 1.01, 2005-11-08
ADM6918/X
List of Tables
Table 1
Abbreviations for Pin Type 12
Table 2
Abbreviations for Buffer Type 12
Table 3
I/O Signals 13
Table 4
Address Recognition and Packet Forwarding 19
Table 5
Packets Received are Untagged 21
Table 6
Packets Received are Tagged 21
Table 7
Port Rising Threshold 22
Table 8
Port Falling Threshold 23
Table 9
Discard Ratio 23
Table 10
Special TAG Fields 25
Table 11
SS-SMII and RMII Pins 27
Table 12
Port 24 Duplex Configuration 28
Table 13
Port 25 Duplex Configuration 28
Table 14
Pin Type of EECS, EESK, EDI and EDO during Operation 30
Table 15
EEPROM Format 31
Table 16
Registers Address Space 36
Table 17
Registers Overview 36
Table 18
Register Access Types 40
Table 19
Registers Clock DomainsRegisters Clock Domains 41
Table 20
PCR_x Registers 46
Table 21
Resx Registers 47
Table 22
FGOPML_x Registers 51
Table 23
FGOPMH_x Registers 53
Table 24
Px_VID Registers 56
Table 25
Switch Register Map 85
Table 26
Registers Address SpaceRegisters Address Space 86
Table 27
Registers Overview 86
Table 28
Register Access Types 86
Table 29
Registers Clock DomainsRegisters Clock Domains 87
Table 30
Control Register Description 91
Table 31
Field Description in the Control Register 91
Table 32
Status Register Description 92
Table 33
Field Description in the Status Register 93
Table 34
Example 94
Table 35
Control Register Description 95
Table 36
Field Description in the Control Register 95
Table 37
Status Register Description 96
Table 38
Field Description in the Status Register 96
Table 39
Example 97
Table 40
Counter Register: Offset 0100H ~ 0167H 109
Table 41
Electrical Absolute Maximum Ratings 113
Table 42
Recommended Operating Conditions 113
Table 43
DC Electrical Characteristics for 3.3 V Operation 113
Table 44
Crystal/Oscillator Timing 114
Table 45
Power on Reset Timing 115
Table 46
EEPROM Interface Timing 115
Table 47
10Base-TX MII Output Timing 116
Table 48
10Base-TX MII Input Timing 117
Table 49
100Base-TX MII Output Timing 118
List of Tables


Podobny numer części - ADM6918

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM691 AD-ADM691 Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691 AD-ADM691 Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691A AD-ADM691A Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691A AD-ADM691A Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691A AD-ADM691A Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Podobny opis - ADM6918

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
   26 port 10/100 Mbps Ethernet Switch Controller
logo
Davicom Semiconductor, ...
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
   10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com