Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI6413DQ Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI6413DQ
Szczegółowy opis  P-Channel 1.8-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6413DQ Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI6413DQ Datasheet HTML 1Page - Vishay Siliconix SI6413DQ Datasheet HTML 2Page - Vishay Siliconix SI6413DQ Datasheet HTML 3Page - Vishay Siliconix SI6413DQ Datasheet HTML 4Page - Vishay Siliconix SI6413DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Load Switch
D PA Switch
D Charger Switch
Si6413DQ
Vishay Siliconix
New Product
Document Number: 72084
S-22384—Rev. A, 30-Dec-02
www.vishay.com
1
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.010 @ VGS = -4.5 V
-8.8
-20
0.013 @ VGS = -2.5 V
- 7.6
0.016 @ VGS = -1.8 V
- 6.8
Si6413DQ
D
S
S
G
1
2
3
4
8
7
6
5
D
S
S
D
TSSOP-8
Top View
D
S*
G
D
P-Channel MOSFET
* Source Pins 2, 3, 6 and 7
must be tied common.
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
"8
V
_
TA = 25_C
- 8.8
-7.2
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
-7.0
-5.7
Pulsed Drain Current (10
ms Pulse Width)
IDM
-30
A
Continuous Source Current (Diode Conduction)a
IS
-1.35
-0.95
TA = 25_C
1.5
1.05
Maximum Power Dissipationa
TA = 70_C
PD
1.0
0.67
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
60
83
Maximum Junction-to-Ambienta
Steady State
RthJA
100
120
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
35
45
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Podobny numer części - SI6413DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI6410DQ FAIRCHILD-SI6410DQ Datasheet
162Kb / 5P
   30V N-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6410DQ VISHAY-SI6410DQ Datasheet
194Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 31-Mar-08
SI6410DQ-T1-GE3 VISHAY-SI6410DQ-T1-GE3 Datasheet
194Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 31-Mar-08
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6415DQ VISHAY-SI6415DQ Datasheet
196Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 23-Jan-06
More results

Podobny opis - SI6413DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com