Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH32973ZKER Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 74ALVCH32973ZKER
Szczegółowy opis  16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH32973ZKER Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button 74ALVCH32973ZKER Datasheet HTML 2Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 3Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 4Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 5Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 6Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 7Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 8Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 9Page - Texas Instruments 74ALVCH32973ZKER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN74ALVCH32973
16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH
WITH EIGHT INDEPENDENT BUFFERS
SCES436C – APRIL 2003 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
VOL
V
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.57 V
1.65 V
25
IBHL(2)
VI = 0.7 V
2.3 V
45
µA
VI = 0.8 V
3 V
75
VI = 1.07 V
1.65 V
-25
IBHH(3)
VI = 1.7 V
2.3 V
-45
µA
VI = 2 V
3 V
-75
1.95 V
200
IBHLO(4)
VI = 0 to VCC
2.7 V
300
µA
3.6 V
500
1.95 V
-200
IBHHO(5)
VI = 0 to VCC
2.7 V
-300
µA
3.6 V
-500
IOZ(6)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
60
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Control inputs
3
Ci
VI = VCC or GND
3.3 V
pF
D
4
A ports
4.5
Cio
VO = VCC or GND
3.3 V
pF
B ports
4.5
Co
Q
VO = VCC or GND
3.3 V
3
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(3)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN
to VCC and then lowering it to VIH min.
(4)
An external driver must source at least IBHLO to switch this node from low to high.
(5)
An external driver must sink at least IBHHO to switch this node from high to low.
(6)
For I/O ports, the parameter IOZ includes the input leakage current.
6


Podobny numer części - 74ALVCH32973ZKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
74ALVCH32973EC NEXPERIA-74ALVCH32973EC Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
NXP Semiconductors
74ALVCH32973 PHILIPS-74ALVCH32973_15 Datasheet
181Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Rev. 3-17 January 2013
More results

Podobny opis - 74ALVCH32973ZKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH16973 TI-SN74ALVCH16973 Datasheet
186Kb / 13P
[Old version datasheet]   8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
logo
NXP Semiconductors
74ALVCH32973 PHILIPS-74ALVCH32973_15 Datasheet
181Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Rev. 3-17 January 2013
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Integrated Device Techn...
IDT74ALVCH162373 IDT-IDT74ALVCH162373 Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373 IDT-IDT74ALVCH16373 Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com