Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KBL606 Arkusz danych(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Numer części KBL606
Szczegółowy opis  6.0 A Single-Phase Silicon Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Strona internetowa  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

KBL606 Arkusz danych(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  KBL606 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. KBL606 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL6005 thru KBL610
6.0 A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
Maximum Ratings & Thermal Characteristics
Rating at 25
ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=50
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25
ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 6.0A
C
C
C
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
200
10.0
-55 to + 150
1.1
10
1000
V
V
V
A
A
V
A
2
sec
6.0
166
Features
Mechanical Data
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.2 ounce, 5.6 grams (approx)
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265
/10
seconds at 5 lbs (2.3kg) tension
Built-in printed circuit board stand-offs
High case dielectric strength
A
C / W
KBL
6005
KBL
601
KBL
602
KBL
604
KBL
606
KBL
608
KBL
610
KBL
6005
KBL
601
KBL
602
KBL
604
KBL
606
KBL
608
KBL
610
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
This series is UL listed under the Recognized
Component Index, file number E142814
+
18.8
0.5
+
15.7
0.5
+
14.3
0.5
17.0
+
5.1
0.5
+
5.2
0.25
+
1.5
0.2
MIN.
+
1.3
0.1
0
+
5.1 0.5
Dimensions in millimeters(1mm =0.0394")


Podobny numer części - KBL606

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KBL606 ETC-KBL606 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL606 ZSELEC-KBL606 Datasheet
337Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBL606 TSC-KBL606 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBL606 CHENDA-KBL606 Datasheet
870Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBL606 DAESAN-KBL606 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Podobny opis - KBL606

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
KBPC600 FCI-KBPC600 Datasheet
130Kb / 2P
   6.0 Amp SINGLE PHASE SILICON BRIDGE
KBU600 FCI-KBU600 Datasheet
126Kb / 2P
   6.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601 Datasheet
53Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
SB6 TSC-SB6 Datasheet
110Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com