Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXHQ163245R-E Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74VCXHQ163245R-E
Szczegółowy opis  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXHQ163245R-E Arkusz danych(HTML) 4 Page - STMicroelectronics

  74VCXHQ163245R-E Datasheet HTML 1Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 2Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 3Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 4Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 5Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 6Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 7Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 8Page - STMicroelectronics 74VCXHQ163245R-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74VCXHQ163245
4/17
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those value beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 0.8V to 2.0V at VCC =3.0V
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
-0.5 to +4.6
V
VCCB
Supply Voltage
-0.5 to +VCCA+0.5
V
VI
DC Input Voltage
-0.5 to +4.6
V
VI/OA
DC I/O Voltage (Output disabled)
-0.5 to +4.6
V
VI/OB
DC I/O Voltage (Output disabled)
-0.5 to +4.6
V
VI/OA
DC I/O Voltage
-0.5 to VCCA + 0.5
V
VI/OB
DC I/O Voltage
-0.5 to VCCB + 0.5
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 50
mA
IOA
DC Output Current
± 50
mA
IOB
DC Output Current
± 50
mA
ICCA
DC VCC or Ground Current
± 100
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation
400
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
2.3 to 3.6
V
VCCB
Supply Voltage
1.65 to VCCA
V
VI
Input Voltage (Dir, G)
0 to VCCB
V
VI/OA
I/O Voltage
0 to VCCA
V
VI/OB
I/O Voltage
0 to VCCB
V
Top
Operating Temperature
-40 to 85
°C
dt/dv
Input Rise and Fall Time (note 1)
0 to 10
ns/V


Podobny numer części - 74VCXHQ163245R-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTD FAIRCHILD-74VCXH162240MTD Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTX FAIRCHILD-74VCXH162240MTX Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

Podobny opis - 74VCXHQ163245R-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com