Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5521 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADL5521
Szczegółowy opis  Low Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADL5521_17 Datasheet HTML 7Page - Analog Devices ADL5521_17 Datasheet HTML 8Page - Analog Devices ADL5521_17 Datasheet HTML 9Page - Analog Devices ADL5521_17 Datasheet HTML 10Page - Analog Devices ADL5521_17 Datasheet HTML 11Page - Analog Devices ADL5521_17 Datasheet HTML 12Page - Analog Devices ADL5521_17 Datasheet HTML 13Page - Analog Devices ADL5521_17 Datasheet HTML 14Page - Analog Devices ADL5521_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADL5521
Rev. C | Page 11 of 24
900 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
25
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 27. Typical S-Parameters, Log Magnitude
22
20
18
16
14
12
10
8
6
4
2
0
34
32
30
28
26
24
22
20
18
16
14
12
850
860
870
880
890
900
910
920
930
940
950
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 28. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800
1000
980
960
940
920
900
880
860
840
820
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 29. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
800
820
840
860
880
900
920
940
960
1000
980
FREQUENCY (MHz)
Figure 30. Noise Figure vs. Frequency at 25°C, Multiple Devices
22.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
32
30
28
26
24
22
20
18
16
850
870
880
890
900
910
920
930
940
860
950
FREQUENCY (MHz)
–40°C
–40°C
+85°C
+25°C
+85°C
+25°C
OIP3
GAIN
P1dB
–40°C
+85°C
+25°C
Figure 31. Gain, OIP3, and P1dB vs. Temperature
31
30
29
28
27
26
25
24
23
22
21
20
19
18
–4
–2
02468
10
12
14
16
18
20
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 32. OIP3 vs. Output Power (POUT) and Temperature


Podobny numer części - ADL5521_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521ACPZ-WP AD-ADL5521ACPZ-WP Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
More results

Podobny opis - ADL5521_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com