Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA11929 Arkusz danych(PDF) 4 Page - Ledil, Inc.

Numer części CA11929
Szczegółowy opis  ~9.6째 spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11929 Arkusz danych(HTML) 4 Page - Ledil, Inc.

  CA11929 Datasheet HTML 1Page - Ledil, Inc. CA11929 Datasheet HTML 2Page - Ledil, Inc. CA11929 Datasheet HTML 3Page - Ledil, Inc. CA11929 Datasheet HTML 4Page - Ledil, Inc. CA11929 Datasheet HTML 5Page - Ledil, Inc. CA11929 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
DATASHEET
CA11929_LR2-RS
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON Z ES
FWHM
6.0°
Efficiency
91 %
Peak intensity
38.300 cd/lm
Required components:
LED
NVSxx19B/NVSxx19C
FWHM
11.0°
Efficiency
94 %
Peak intensity
16.000 cd/lm
Required components:
LED
Oslon Square EC
FWHM
10.0°
Efficiency
92 %
Peak intensity
17.600 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
4/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CA11929

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
   ~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA11931 LEDIL-CA11931 Datasheet
3Mb / 6P
   ~25째 medium beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
logo
Cree, Inc
CA11934 CREE-CA11934 Datasheet
1Mb / 31P
   Emily series
logo
Ledil, Inc.
CA11934 LEDIL-CA11934 Datasheet
6Mb / 12P
   ~40째 wide beam 14.74 mm high lens.
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NCSxx19
More results

Podobny opis - CA11929

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
   ~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12262 LEDIL-CA12262 Datasheet
2Mb / 4P
   ~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
CA12394 LEDIL-CA12394 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA11931 LEDIL-CA11931 Datasheet
3Mb / 6P
   ~25째 medium beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
   ~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CA12629 LEDIL-CA12629 Datasheet
4Mb / 6P
   ~10째 x 40째 oval beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12263 LEDIL-CA12263 Datasheet
4Mb / 4P
   ~14째 diffused spot beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
   ~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA12038 LEDIL-FA12038 Datasheet
2Mb / 4P
   ~13째 spot beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com