Zakładka z wyszukiwarką danych komponentów |
|
ADM1033ARQZ Arkusz danych(PDF) 11 Page - Analog Devices |
|
ADM1033ARQZ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 40 page ADM1033 Rev. 0 | Page 11 of 40 Table 4. Internal Register Descriptions Register Description Configuration Provides control and configuration of various functions on the device. Conversion Rate Determines the number of measurements per second completed by the ADM1033. Address Pointer Contains the address that selects one of the other internal registers. When writing to the ADM1033, the first byte of data is always a register address, which is written to the address pointer register. Status Provides the status of each limit comparison. Interrupt Mask Allows the option to mask ALERTs due to particular out-of-limit conditions. Value and Limit Stores the results of temperature and fan speed measurements, along with their limit values. Offset Allows the local and remote temperature channel readings to be offset by a twos complement value written to them. These values are automatically added to the temperature values (or subtracted from them if negative). This allows the systems designer to optimize the system, if required, by adding or subtracting up to 15.875°C from a temperature reading. THERM Limit and Hysteresis Contains the temperature value at which THERM is asserted and determines the level of hysteresis. Look-Up Table Used to program the look-up table for the fan-speed-to-temperature profile. THERM % Ontime and THERM % Limit Reflects the state of the THERM input and monitors the duration of the assertion time of the signal as a percentage of a time window. The user can program the length of the time window. Table 5. Resistor Ratios for Setting LOCATION Bits Ideal Ratio R2/(R1 + R2) R1 (kΩ) R2 (kΩ) Actual R2/(R1 + R2) Error (%) SMBus Mode SMBus Address UDID LLL N/A 0 O/C 1 0 ARP1 N/A 111 0.8125 18 82 0.82 +0.75 ARP1 N/A 110 0.6875 22 47 0.6812 −0.63 ARP1 N/A 101 0.5625 12 15 0.5556 −0.69 ARP1 N/A 100 0.4375 15 12 0.4444 +0.69 FD1 0x53 N/A 0.3125 47 22 0.3188 +0.63 FD1 0x52 N/A 0.1875 82 18 0.18 −0.75 FD1 0x51 N/A N/A O/C 0 0 0 FD1 0x50 N/A 1 FD denotes fixed-and-discoverable mode, ARP denotes ARP-capable mode. Table 6. UDID Values Bit No. Name Function Value <127:120> Device Capabilities Describes the ADM1033’s capabilities (for instance, that it supports PEC and uses a random number address device) 11000001 <1119:112> Version/Revision: UDID version number (Version 1) and silicon revision identification 00001010 <111:96> Vendor ID Vendor ID number, assigned by the SBS Implementer’s Forum or the PCI SIG 00010001 11010100 <95:80> Device ID Device ID 00010000 00110011 <79:64> Interface Identifies the protocol layer interfaces supported by the ADM1033. This represents SMBus 2.0 as the Interface version. 00000000 00000100 <63:48> Subsystem Vendor ID Subsystem Vendor ID = 0 (subsystem fields are unsupported) 00000000 00000000 <47:32> Subsystem Device ID Subsystem Device ID = 0 (subsystem fields are unsupported) 00000000 00000000 <31:0> Vendor-Specific ID A unique number per device. Contains the LOCATION Information (LLL) and a 16-bit random number (x). See Table 5 for information on setting the LLL bits. 00000000 00000LLL xxxxxxxx xxxxxxxx |
Podobny numer części - ADM1033ARQZ |
|
Podobny opis - ADM1033ARQZ |