Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070DIH306Z-TK Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części ISL21070DIH306Z-TK
Szczegółowy opis  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21070DIH306Z-TK Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button ISL21070DIH306Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 9Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 10Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 11Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL21070
FN7599 Rev 4.00
Page 10 of 12
September 3, 2015
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have
the latest Rev.
DATE
REVISION
CHANGE
September 3, 2015
FN7599.4
Updated Ordering Information Table on page 2.
June 23, 2014
FN7599.3
• Updated POD with following changes:
In Detail A, changed lead width dimension from 0.13+/-0.05 to 0.085-0.19
Changed dimension of foot of lead from 0.31+/-0.10 to 0.38+/-0.10
In Land Pattern, added 0.4 Rad Typ dimension
In Side View, changed height of package from 0.91+/-0.03 to 0.95+/-0.07
April 4, 2011
FN7599.2
Converted to New Intersil Template
Updated page 1 description (removed 3.3V from last paragraph)
Updated “Features” on page 1 as follows:
-Removed 3.3V from Reference Output Voltage bullet.
-Removed "Initial Accuracy: 3.3V from 2.5V...±0.2% option"
-Removed “ISL21070-33 (Coming Soon)” under Input Voltage Range bullet
Updated “Ordering Information” on page 2 as follows:
-Removed ISL21070CIH333Z-TK 3.3V option
Updated “Electrical Specification” as follows:
-Removed 3.3V option electrical specification header and table
Updated Parameters Note in Electrical spec from “parameters...” to “compliance...”
April 19, 2010
FN7599.1
Added product variation for 0.6V and 2.048V. Removed 1.024V coming soon part. Updated throughout
accordingly as follows:
Updated page 1 description (removed 1.024V from last paragraph and added 0.6V)
Updated “Features” on page 1 as follows:
-removed 1.024V from Reference Output Voltage bullet. Added 0.600V.
-removed "Initial Accuracy: 1.024V . . .±0.5%" and added "Initial Accuracy: 0.600V . . ±1.0%"
-removed "Coming Soon" from ISL21070-20 under Input Voltage Range bullet. Also, removed ISL21070-10
(coming soon) part and added ISL21070-06 part.
-added "Tempco (0.600V only). . . . . 50ppm/°C"
-added "all others" to "Tempco (all others) . . . 30ppm/°C"
Updated “Ordering Information” on page 2 to add ISL21070DIH306Z-TK 0.6V option. Removed 1.024V option
ISL21070CIH310Z-TK
Added Note 4 to Part Marking column of “Ordering Information” on page 2.
-Added "Electrical Specifications (ISL21070-06, VOUT = 0.600V)" table to page 3 and "Electrical Specifications
(ISL21070-20, VOUT = 2.048V)" table to page 4
-Removed "Electrical Specifications (ISL21070-xx, VOUT = 1.024V to 2.048V)" table
Added Theta JC of 110 to “Thermal Information” on page 3. Added applicable Theta JC Note 7 (“For
JC, the
“case temp” location is taken at the package top center.”)
Revised Theta JA in “Thermal Information” on page 3 from 371 to 275
Added Figure 16. “VOUT NOISE, 0.1Hz TO 10Hz” to page 7.
March 19, 2010
FN7599.0
Initial release.


Podobny numer części - ISL21070DIH306Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Podobny opis - ISL21070DIH306Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com