Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21080DIH309Z-TK Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części ISL21080DIH309Z-TK
Szczegółowy opis  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21080DIH309Z-TK Arkusz danych(HTML) 6 Page - Renesas Technology Corp

Back Button ISL21080DIH309Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 9Page - Renesas Technology Corp ISL21080DIH309Z-TK Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL21080
FN6934 Rev. 6.00
Page 6 of 21
Mar 26, 2018
Electrical Specifications (ISL21080-25, VOUT = 2.5V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 13)TYP
MAX
(Note 13)UNIT
Output Voltage
VOUT
2.5
V
VOUT Accuracy at TA = +25°C (Notes 8, 9)VOA
-0.3
+0.3
%
Output Voltage Temperature Coefficient
(Note 10)
TC VOUT
50
ppm/°C
Input Voltage Range
VIN
2.7
5.5
V
Supply Current
IIN
0.31
1.5
µA
Line Regulation
VOUT /VIN 2.7V < VIN < 5.5V
80
350
µV/V
Load Regulation
VOUT/IOUT Sourcing: 0mA  IOUT  7mA
25
100
µV/mA
Sinking: -7mA
 IOUT 0mA
50
350
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
50
mA
Turn-On Settling Time
tR
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
30
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +165°C
100
ppm
Long Term Stability (Note 12)
VOUT/tTA = +25°C
50
ppm
Electrical Specifications (ISL21080-30, VOUT = 3.0V) VIN = 5.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 13)TYP
MAX
(Note 13)UNIT
Output Voltage
VOUT
3.0
V
VOUT Accuracy at TA = +25°C (Notes 8, 9)VOA
-0.2
+0.2
%
Output Voltage Temperature Coefficient
(Note 10)
TC VOUT
50
ppm/°C
Input Voltage Range
VIN
3.2
5.5
V
Supply Current
IIN
0.31
1.5
µA
Line Regulation
VOUT /VIN 3.2V < VIN < 5.5V
80
350
µV/V
Load Regulation
VOUT/IOUT Sourcing: 0mA  IOUT  7mA
25
100
µV/mA
Sinking: -7mA
 IOUT 0mA
50
350
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
50
mA
Turn-On Settling Time
tR
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
30
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +165°C
100
ppm
Long Term Stability (Note 12)
VOUT/tTA = +25°C
50
ppm


Podobny numer części - ISL21080DIH309Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

Podobny opis - ISL21080DIH309Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com