Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070CIH325Z-TK Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części ISL21070CIH325Z-TK
Szczegółowy opis  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21070CIH325Z-TK Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  ISL21070CIH325Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21070CIH325Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL21070
FN7599 Rev 4.00
Page 3 of 12
September 3, 2015
Absolute Voltage Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VOUT (pin) to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VOUT + 1V
ESD Ratings
Human Body Model (Tested per JESD22-A114
). . . . . . . . . . . . . . . 6000V
Machine Model (Tested per JESD22-A115
) . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model (Tested per JESD22-C101
) . . . . . . . . . . . . . . 2kV
Latch Up (Tested Per JESD-78) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
3 Ld SOT-23 (Notes 6, 7) . . . . . . . . . . . . . . .
275
110
Continuous Power Dissipation (TA = +85°C). . . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (Note 8). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 7.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
8. Post-reflow drift for the ISL21070 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications (ISL21070-06, VOUT = 0.600V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified
. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
VOUT
Output Voltage
0.600
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21070 D-grade
-1.0
+1.0
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 9)
ISL21070 D-grade
50
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
11
25
µA
VOUT/VIN
Line Regulation
2.7V < VIN < 5.5V
20
250
µV/V
VOUT/IOUT Load Regulation
Sourcing: 0mA
 IOUT  10mA
3
100
µV/mA
Sinking: -10mA
 IOUT 0mA
6
100
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
150
µs
Ripple Rejection
f = 10kHz
-20
dB
eN
Output Voltage Noise
0.1Hz
 f 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz
 f 10kHz
10
µVRMS
VOUT/TA
Thermal Hysteresis (Note 10)
TA = +125°C
20
ppm
VOUT/t
Long Term Stability (Note 11)
TA = +25°C
70
ppm


Podobny numer części - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Podobny opis - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com