Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28025FR12Z-T Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części ISL28025FR12Z-T
Szczegółowy opis  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FR12Z-T Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  ISL28025FR12Z-T Datasheet HTML 1Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 2Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 3Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 4Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 5Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 6Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 7Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 8Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 3 of 53
Feb 27, 2018
Block Diagram
FIGURE 2. BLOCK DIAGRAM
FIR AND
DIGITAL
LOGIC
I2C
SM BUS
PM BUS
A0
16
A1
SMBCLK
SMBDAT
OSC
SMBALERT1
VINP
VINM
VBUS
GND
ADC 16-
BIT
REG MAP
REF
TEMP
SENSE
OV_TEMP_SET
OC_SET
VBUS_S
3.3V
INTERNAL
POWER
CLOCK
UV_SET
REG
DAC_OUT
(20 Pin QFN)
OC
DAC
OV/
TEMP
DAC
UV
DAC
I2CVCC
SMBALERT2
LS
LS
CM = 0 to 60V
A2
AUXV
VREG_IN
VREG_OUT
VCC
DIV
VBUS_S
Temp_V
VBUS_S
Temp_V
ONLY FOR PRI CHL
EXT_CLK
(16 Pin WLCSP)
{
Ordering Information
PART NUMBER
PART
MARKING
VBUS OPTION
(V)
TAPE AND REEL
(UNITS)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL28025FR12Z (Notes 3, 4)
280 25R12Z
12
-
20 lead QFN 4x4 (1.85SQmm EPAD)
L20.4x4J
ISL28025FR12Z-T (Notes 1, 3, 4)
280 25R12Z
12
6k
20 lead QFN 4x4 (1.85SQmm EPAD)
L20.4x4J
ISL28025FR12Z-T7A (Notes 1, 3, 4)
280 25R12Z
12
250
20 lead QFN 4x4 (1.85SQmm EPAD)
L20.4x4J
ISL28025FI12Z-T (Notes 1, 2, 3)
2512
12
3k
16 Ball WLCSP
W4x4.16C
ISL28025FI12Z-T7A (Notes 1, 2, 3)
2512
12
250
16 Ball WLCSP
W4x4.16C
ISL28025FI60Z-T (Notes 1, 2, 3)
2560
60
3k
16 Ball WLCSP
W4x4.16C
ISL28025FI60Z-T7A (Notes 1, 2, 3)
2560
60
250
16 Ball WLCSP
W4x4.16C
ISL28025EVKIT1Z
Evaluation Kit
ISL28025EVAL1Z
Evaluation Board
NOTES:
1. Refer to TB347 for details on reel specifications.
2. These Pb-free WLCSP packaged products employ special Pb-free material sets; molding compounds/die attach materials and SnAgCu - e1 solder ball
terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free WLCSP packaged products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the product information page for the ISL28025. For more information on MSL, see TB363.
4. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the P-free requirements of IPC/JEDEC J STD-020.


Podobny numer części - ISL28025FR12Z-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T INTERSIL-ISL28025FI60Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T7A INTERSIL-ISL28025FI60Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Podobny opis - ISL28025FR12Z-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com