Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28025FI60Z-T7A Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części ISL28025FI60Z-T7A
Szczegółowy opis  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FI60Z-T7A Arkusz danych(HTML) 6 Page - Renesas Technology Corp

Back Button ISL28025FI60Z-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL28025FI60Z-T7A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 6 of 53
Feb 27, 2018
TABLE 1. DPM PORTFOLIO COMPARISON - ISL28022 vs ISL28023 vs ISL28025 (Dual Package)
DESCRIPTION
BASIC DIGITAL
POWER MONITOR
FULL FEATURE
DIGITAL POWER MONITOR
DIGITAL POWER MONITOR
DUAL PACKAGE OPTIONS
PART NUMBER
ISL28022
ISL28023
ISL28025
PACKAGE
MSOP10, QFN16
QFN24
WLCSP-16 / QFN20
Temperature Range
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
0V to 60V Input Range
0V to 60V
Opt 1: 0V to 60V
Opt 2: 0V to 16V
Opt 1: 0V to 60V WLCSP-16 only
Opt 2: 0V to 16V
ADC
16-bit
16-bit
16-bit
+25°C Gain Error
0.30%
0.25%
0.25%
Current Measure LSB Step
10µV
2.5µV
2.5µV
+25°C Offset
75µV
30µV
30µV
Primary
Differential Shunt Input
X
X
X
Channel
Independent Bus Voltage
X
X
X
LV Aux
Differential Shunt Input
X
Channel
Independent Bus Voltage
X
X
VBus LSB Step
Low Voltage Bus
0.25mV
0.25mV
High Voltage Bus
4mV
1mV/0.25mV
1mV/0.25mV
External Temperature Sensor Input
X
HV Internal Regulator (3.3VOUT)X
X
Fast OC/OV/UV Alert Outputs
2 Outputs
2 Outputs
Margin DAC
XQFN20
Internal Temperature Sensor
X
X
User Select Conversion Mode/Sample Rate
X
X
X
Peak Min/Max Current Registers
X
X
Slave Address Locations
16 Addresses
55 Addresses
55 Addresses
I2C Level Translators
XX
PMBus
XX
I2C/SMBus
X
X
X
High Speed (3.4MHz) I2C Mode
X
X
X
External Clock Input
X
X
WLCSP-16
Power Shutdown Mode
X
X
X


Podobny numer części - ISL28025FI60Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025FI60Z-T7A INTERSIL-ISL28025FI60Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Podobny opis - ISL28025FI60Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com