Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28025EVAL1Z Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części ISL28025EVAL1Z
Szczegółowy opis  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025EVAL1Z Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button ISL28025EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL28025EVAL1Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 10 of 53
Feb 27, 2018
DAC Mid-Scale
VMS
DAC_MS[2:0] = 0
0.4
V
DAC_MS[2:0] = 1
0.5
V
DAC_MS[2:0] = 2
0.6
V
DAC_MS[2:0] = 3
0.7
V
DAC_MS[2:0] = 4
0.8
V
DAC_MS[2:0] = 5
0.9
V
DAC_MS[2:0] = 6
1.0
V
DAC_MS[2:0] = 7
1.2
V
Slew Rate
1V/µs
Output Current
1mA
Short-Circuit Current
DAC_OUT = VCC
17
mA
DAC_OUT = GND
4.2
mA
Start-Up Time
100
µs
VOLTAGE REGULATOR SPECIFICATION
Input Voltage at REG_IN
4.5
60
V
Output Regulation Voltage
3.18
3.3
3.35
V
Line Regulation
VIN 4.5V to 60V
53
150
µV/V
Load Regulation
ILOAD = 3.3mA to 6mA
0.2
1.4
mV/mA
Capacitance Drive
0.01
10
µF
Output Short-Circuit
T = -40°C
to+125°C
10
mA
Maximum Load Current
T = -40°C
to+125°C
6
mA
Start-Up Time
1ms
TEMPERATURE SENSOR
Temperature Sensor Measurement Range
-40
125
°C
Temperature Accuracy
T = +25°C
+3.2
°C
Temperature Resolution
0.5
°C
Measurement Time
0.5
ms
SMBus/I2C INTERFACE SPECIFICATIONS
SMBDAT and SMBCLK Input Buffer Low
Voltage
VIL
-0.3
0.3 x
I2CVCC
V
SMBDAT and SMBCLK Input Buffer High
Voltage
VIH
0.7 x
I2CVCC
I2CVCC +
0.3
V
SMBDAT and SMBCLK Input Buffer
Hysteresis
Hysteresis
0.05 x
I2CVCC
V
SMBDAT Output Buffer Low Voltage,
Sinking 3mA
VOL
I2CVCC = 5V, IOL = 3mA
0
0.02
0.4
V
SMBDAT and SMBCLK Pin Capacitance
CPIN
TA = +25°C, f = 1MHz, I2CVCC = 5V,
VIN =0V, VOUT = 0V
10
pF
SMBCLK Frequency
fSMBCLK
400
kHz
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion
Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits
established by characterization. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


Podobny numer części - ISL28025EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025EVAL1Z INTERSIL-ISL28025EVAL1Z Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Podobny opis - ISL28025EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com