Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3338AMZ Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części CA3338AMZ
Szczegółowy opis  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3338AMZ Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  CA3338AMZ Datasheet HTML 1Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 2Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 3Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 4Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 5Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 6Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 7Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 8Page - Renesas Technology Corp CA3338AMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CA3338, CA3338A
FN1850 Rev 4.00
Page 5 of 10
July 2004
Digital Signal Path
The digital inputs (LE, COMP, and D0 - D7) are of TTL
compatible HCT High Speed CMOS design: the loading is
essentially capacitive and the logic threshold is typically 1.5V.
The 8 data bits, D0 (weighted 20) through D7 (weighted 27),
are applied to Exclusive OR gates (see Functional Diagram).
The COMP (data complement) control provides the second
input to the gates: if COMP is high, the data bits will be inverted
as they pass through.
The input data and the LE (latch enable) signals are next
applied to a level shifter. The inputs, operating between the
levels of VDD and VSS, are shifted to operate between VDD
and VEE. VEE optionally at ground or at a negative voltage, will
be discussed under bipolar operation. All further logic elements
except the output drivers operate from the VDD and VEE
supplies.
The upper 3 bits of data, D5 through D7, are input to a 3-to-7
line bar graph encoder. The encoder outputs and D0 through
D4 are applied to a feedthrough latch, which is controlled by LE
(latch enable).
Latch Operation
Data is fed from input to output while LE is low: LE should be
tied low for non-clocked operation.
Non-clocked operation or changing data while LE is low is not
recommended for applications requiring low output “glitch”
energy: there is no guarantee of the simultaneous changing of
input data or the equal propagation delay of all bits through the
converter. Several parameters are given if the converter is to
be used in either of these modes: tD2 gives the delay from the
input changing to the output changing (10%), while tSU2 and tH
give the set up and hold times (referred to LE rising edge)
needed to latch data. See Figures 1 and 2.
Clocked operation is needed for low “glitch” energy use. Data
must meet the given tSU1 set up time to the LE falling edge,
and the tH hold time from the LE rising edge. The delay to the
output changing, tD1, is now referred to the LE falling edge.
There is no need for a square wave LE clock; LE must only
meet the minimum tW pulse width for successful latch
operation. Generally, output timing (desired accuracy of
settling) sets the upper limit of usable clock frequency.
Output Structure
The latches feed data to a row of high current CMOS drivers,
which in turn feed a modified R2R ladder network.
The “N” channel (pull down) transistor of each driver plus the
bottom “2R” resistor are returned to VREF- this is the (-) full-
scale reference. The “P” channel (pull up) transistor of each
driver is returned to VREF+, the (+) full-scale reference.
In unipolar operation, VREF- would typically be returned to
analog ground, but may be raised above ground (see
specifications). There is substantial code dependent current
that flows from VREF+ to VREF- (see VREF+ input current in
specifications), so VREF- should have a low impedance path to
ground.
In bipolar operation, VREF- would be returned to a negative
voltage (the maximum voltage rating to VDD must be
Pin Descriptions
PIN
NAME
DESCRIPTION
1
D7
Most Significant Bit
2
D6
Input
3D5
Data
4D4
Bits
5
D3
(High = True)
6D2
7D1
8VSS
Digital Ground
9D0
Least Significant Bit. Input Data Bit
10
VEE
Analog Ground
11
VREF- Reference Voltage Negative Input
12
VOUT
Analog Output
13
VREF+ Reference Voltage Positive Input
14
COMP
Data Complement Control input. Active High
15
LE
Latch Enable Input. Active Low
16
VDD
Digital Power Supply, +5V
INPUT DATA
LATCH
tSU1
tSU2
tW
tH
ENABLE
LATCHED
LATCHED
DATA
FEEDTHROUGH
FIGURE 1. DATA TO LATCH ENABLE TIMING
tD1
tD2
tr
tS
1/2 LSB
1/2 LSB
90%
10%
INPUT
LATCH
ENABLE
OUTPUT
VOLTAGE
DATA
FIGURE 2. DATA AND LATCH ENABLE TO OUTPUT TIMING


Podobny numer części - CA3338AMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338AMZ INTERSIL-CA3338AMZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Podobny opis - CA3338AMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com