Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMV7710 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADMV7710
Szczegółowy opis  Power Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMV7710 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADMV7710 Datasheet HTML 7Page - Analog Devices ADMV7710 Datasheet HTML 8Page - Analog Devices ADMV7710 Datasheet HTML 9Page - Analog Devices ADMV7710 Datasheet HTML 10Page - Analog Devices ADMV7710 Datasheet HTML 11Page - Analog Devices ADMV7710 Datasheet HTML 12Page - Analog Devices ADMV7710 Datasheet HTML 13Page - Analog Devices ADMV7710 Datasheet HTML 14Page - Analog Devices ADMV7710 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
ADMV7710
Rev. 0 | Page 11 of 17
30
25
0
5
10
15
20
1200
1100
600
700
800
900
1000
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
9
111
INPUT POWER (dBm)
GAIN
POUT
PAE
IDD
Figure 33. Gain, POUT, PAE, and IDD vs. Input Power, RF = 76 GHz,
IDD = 800 mA
30
25
0
5
10
15
20
1200
1100
600
700
800
900
1000
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
9
111
INPUT POWER (dBm)
GAIN
POUT
PAE
IDD
Figure 34. Gain, POUT, PAE, and IDD vs. Input Power, RF = 71 GHz,
IDD = 900 mA
30
25
0
5
10
15
20
1200
1100
600
700
800
900
1000
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
9
111
INPUT POWER (dBm)
GAIN
POUT
PAE
IDD
Figure 35. Gain, POUT, PAE, and IDD vs. Input Power, RF = 73.5 GHz,
IDD = 900 mA
30
25
0
5
10
15
20
1200
1100
600
700
800
900
1000
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
1
9
INPUT POWER (dBm)
GAIN
POUT
PAE
IDD
Figure 36. Gain, POUT, PAE, and IDD vs. Input Power, RF = 76 GHz,
IDD = 900 mA
5.0
4.5
0
0.5
1.5
2.5
3.5
4.0
1.0
2.0
3.0
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
9
111
INPUT POWER (dBm)
71GHz
72GHz
73GHz
74GHz
75GHz
76GHz
Figure 37. Power Dissipation vs. Input Power over Various Frequencies,
IDD = 700 mA, TA = 85°C
5.0
4.5
0
0.5
1.5
2.5
3.5
4.0
1.0
2.0
3.0
–15 –13
3
–5
–11
5
–3
–9
7
–1
–7
9
111
INPUT POWER (dBm)
71GHz
72GHz
73GHz
74GHz
75GHz
76GHz
Figure 38. Power Dissipation vs. Input Power over Various Frequencies,
IDD = 800 mA, TA = 85°C


Podobny numer części - ADMV7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

Podobny opis - ADMV7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com