Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMV7810-SX Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADMV7810-SX
Szczegółowy opis  Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMV7810-SX Arkusz danych(HTML) 5 Page - Analog Devices

  ADMV7810-SX Datasheet HTML 1Page - Analog Devices ADMV7810-SX Datasheet HTML 2Page - Analog Devices ADMV7810-SX Datasheet HTML 3Page - Analog Devices ADMV7810-SX Datasheet HTML 4Page - Analog Devices ADMV7810-SX Datasheet HTML 5Page - Analog Devices ADMV7810-SX Datasheet HTML 6Page - Analog Devices ADMV7810-SX Datasheet HTML 7Page - Analog Devices ADMV7810-SX Datasheet HTML 8Page - Analog Devices ADMV7810-SX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADMV7810
Rev. 0 | Page 5 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
3
2
1
RFIN
GND
GND
GND
GND
20
21
22
RFOUT
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
ADMV7810
TOP VIEW
(Not to Scale)
Figure 2. Pad Configuration
Table 4. Pad Function Descriptions
Pad No.
Mnemonic
Description
1, 3, 5, 7, 9, 11, 13,
15, 17, 19, 20, 22,
25, 27, 29, 31, 33,
35, 37, 39
GND
Ground Connection (See Figure 3).
2
RFIN
RF Input. AC-couple RFIN and match it to 50 Ω (See Figure 4).
4, 8, 12, 16
VGG1A to
VGG4A
First Stage Gate Bias Voltage for the Power Amplifier (See Figure 8). For the required external
components, see Figure 46.
6, 10, 14, 18
VDD1A to
VDD4A
First Stage Drain Bias Voltage for the Power Amplifier (See Figure 5).
21
RFOUT
RF Output. AC-couple RFOUT and match it to 50 Ω (see Figure 6).
23
VREF
Reference Voltage for the Power Detector (See Figure 7). VREF is the dc bias of the diode biased
through an external resistor used for temperature compensation of VDET. Refer to the typical
application circuit (see Figure 46) for the required external components.
24
VDET
Detector Voltage for the Power Detector (See Figure 7). VDET is the dc voltage representing the RF
output power rectified by the diode, which is biased through an external resistor. Refer to the typical
application circuit (see Figure 46) for the required external components.
26, 30, 34, 38
VDD4B to
VDD1B
Second Stage Drain Bias Voltage for the Power Amplifier (See Figure 5).
28, 32, 36, 40
VGG4B to
VGG1B
Second Stage Gate Bias Voltage for the Power Amplifier (See Figure 8). For the required external
components, see Figure 46.
Die Bottom
GND
Ground. The die bottom must be connected to the RF/dc ground (see Figure 3).


Podobny numer części - ADMV7810-SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

Podobny opis - ADMV7810-SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com