Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL26311 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części ISL26311
Szczegółowy opis  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26311 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button ISL26311 Datasheet HTML 5Page - Renesas Technology Corp ISL26311 Datasheet HTML 6Page - Renesas Technology Corp ISL26311 Datasheet HTML 7Page - Renesas Technology Corp ISL26311 Datasheet HTML 8Page - Renesas Technology Corp ISL26311 Datasheet HTML 9Page - Renesas Technology Corp ISL26311 Datasheet HTML 10Page - Renesas Technology Corp ISL26311 Datasheet HTML 11Page - Renesas Technology Corp ISL26311 Datasheet HTML 12Page - Renesas Technology Corp ISL26311 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 9 of 23
August 18, 2015
Typical Performance Characteristics
TA = +25°C, VDD = 5V, VREF = 5V, fSAMPLE = 125kHz, fSCLK = 20MHz, unless otherwise specified.
FIGURE 3. DIFFERENTIAL NONLINEARITY (DNL) vs CODE
FIGURE 4. INTEGRAL NONLINEARITY (INL) vs CODE
FIGURE 5. DNL DISTRIBUTION vs TEMPERATURE
FIGURE 6. INL DISTRIBUTION vs TEMPERATURE
FIGURE 7. GAIN ERROR vs SUPPLY VOLTAGE AND TEMPERATURE
FIGURE 8. OFFSET ERROR vs SUPPLY VOLTAGE AND TEMPERATURE
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
-2000
-1000
0
1000
2000
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
-2000
-1000
0
1000
2000
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
NEGATIVE DNL
POSITIVE DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
NEGATIVE INL
POSITIVE INL
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5.0V
5.25V
2.7V
3.3V
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
3.3V
5.0V
5.25V
2.7V


Podobny numer części - ISL26311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26311 INTERSIL-ISL26311 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26311 RENESAS-ISL26311 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26311FBZ INTERSIL-ISL26311FBZ Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26311FBZ INTERSIL-ISL26311FBZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Podobny opis - ISL26311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com