Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28023FR12Z Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części ISL28023FR12Z
Szczegółowy opis  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28023FR12Z Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button ISL28023FR12Z Datasheet HTML 6Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 7Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 8Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 9Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 10Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 11Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 12Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 13Page - Renesas Technology Corp ISL28023FR12Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
ISL28023
FN8389 Rev 5.00
Page 10 of 55
March 18, 2016
CPIN
SMBDAT and SMBCLK Pin Capacitance
TA = +25°C, f = 1MHz, I2CVCC = 5V,
VIN =0V, VOUT = 0V
10
pF
fSMBCLK
SMBCLK Frequency
400
kHz
tIN
Pulse Width Suppression Time at SMBDAT
and SMBCLK Inputs
Any pulse narrower than the max spec
is suppressed
50
ns
tAA
SMBCLK Falling Edge to SMBDAT Output
Data Valid
SMBCLK falling edge crossing 30% of
I2CVCC, until SMBDAT exits the 30% to
70% of I2CVCC window
900
ns
tBUF
Time the Bus Must be Free Before the Start
of a New Transmission
SMBDAT crossing 70% of I2CVCC during
a STOP condition, to SMBDAT crossing
70% of I2CVCC during the following
START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of I2CVCC
crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of I2CVCC
crossing
600
ns
tSU:STA
START Condition Setup Time
SMBCLK rising edge to SMBDAT falling
edge. Both crossing 70% of I2CVCC
600
ns
tHD:STA
START Condition Hold Time
From SMBDAT falling edge crossing
30% of I2CVCC to SMBCLK falling edge
crossing 70% of I2CVCC
600
ns
tSU:DAT
Input Data Setup Time
From SMBDAT exiting the 30% to 70%
of
VCC window, to SMBCLK rising edge
crossing 30% of I2CVCC
100
ns
tHD:DAT
Input Data Hold Time
From SMBCLK falling edge crossing
30% of I2CVCC to SMBDAT entering the
30% to 70% of I2CVCC window
20
900
ns
tSU:STO
STOP Condition Setup Time
From SMBCLK rising edge crossing 70%
of I2CVCC, to SMBDAT rising edge
crossing 30% of I2CVCC
600
ns
tHD:STO
STOP Condition Hold Time
From SMBDAT rising edge to SMBCLK
falling edge. Both crossing 70% of
I2CVCC
600
ns
tDH
Output Data Hold Time
From SMBCLK falling edge crossing
30% of I2CVCC, until SMBDAT enters
the 30% to 70% of I2CVCC window
0ns
tR
SMBDAT and SMBCLK Rise Time
From 30% to 70% of I2CVCC
20 + 0.1 x Cb
300
ns
tF
SMBDAT and SMBCLK Fall Time
From 70% to 30% of I2CVCC
20 + 0.1 x Cb
300
ns
Cb
Capacitive Loading of SMBDAT or SMBCLK Total on-chip and off-chip
10
400
pF
RPU
SMBDAT and SMBCLK Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about
2kΩ~2.5kΩ
For Cb = 40pF, max is about
15kΩ~20kΩ
1kΩ
POWER SUPPLY
Vvcc
Power Supply Voltage at VCC
3.0
3.3
5.5
V
Vi2cvcc
Power Supply Voltage at I2CVCC
f = DC to 400kHz
1.2
3.3
5.5
V
Only ADC in Conversion Mode
All other blocks are disabled
690
830
µA
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Podobny numer części - ISL28023FR12Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results

Podobny opis - ISL28023FR12Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com