Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC4046NX Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74VHC4046NX
Szczegółowy opis  CMOS Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC4046NX Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button 74VHC4046NX Datasheet HTML 5Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 6Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 7Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 8Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 9Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 10Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 11Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 12Page - National Semiconductor (TI) 74VHC4046NX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Detailed Circuit Description (Continued)
the capacitor once the capacitor charges up to the thresh-
old of the schmitt trigger the oscillator logic flips the capaci-
tor over and causes the mirror to charge the opposite side
of the capacitor The output from the internal logic is then
taken to pin 4
The input to the VCO is a very high impedance CMOS input
and so it will not load down the loop filter easing the filters
design In order to make signals at the VCO input accessible
without degrading the loop performance a source follower
transistor is provided This transistor can be used by con-
necting a resistor to ground and its drain output will follow
the VCO input signal
An inhibit signal is provided to allow disabling of the VCO
and the source follower This is useful if the internal VCO is
not being used A logic high on inhibit disables the VCO and
source follower
The output of the VCO is a standard high speed CMOS
output with an equivalent LSTTL fanout of 10 The VCO
output is approximately a square wave This output can ei-
ther directly feed the comparator input of the phase compar-
ators or feed external prescalers (counters) to enable fre-
quency synthesis
PHASE COMPARATORS
All three phase comparators share two inputs Signal In and
Comparator In The Signal In has a special DC bias network
that enables AC coupling of input signals If the signals are
not AC coupled then this input requires logic levels the
same as standard 74VHC The Comparator input is a stan-
dard digital input Both input structures are shown in
Figure
3
The outputs of these comparators are essentially standard
74VHC voltage outputs (Comparator II is TRI-STATE)
TLF11675-19
FIGURE 3 Logic Diagram for Phase Comparator I and the Common Input Circuit for All Three Comparators
TLF11675 – 20
FIGURE 4 Typical Phase Comparator I Waveforms
9


Podobny numer części - 74VHC4046NX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC4046N FAIRCHILD-74VHC4046N Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046N FAIRCHILD-74VHC4046N Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
More results

Podobny opis - 74VHC4046NX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com