Zakładka z wyszukiwarką danych komponentów |
|
AME8550BEEVD360Y Arkusz danych(PDF) 6 Page - Analog Microelectronics |
|
AME8550BEEVD360Y Arkusz danych(HTML) 6 Page - Analog Microelectronics |
6 / 21 page AME, Inc. 6 Voltage Detector AME8550 n Ordering Information (contd.) Part Number Marking Output Voltage Package Operating Temp. Range AME8550AEETB240 AXVww 2.4V SOT-23 -40 oC to +85oC AME8550AEETB240L AXVww 2.4V SOT-23 -40 oC to +85oC AME8550AEETB240Z AXVww 2.4V SOT-23 -40 oC to +85oC AME8550AEETB240Y AXVww 2.4V SOT-23 -40 oC to +85oC AME8550AEFTB240 A8550A B240ww 2.4V SOT-89 -40 oC to +85oC AME8550AEFTB240Z A8550A B240ww 2.4V SOT-89 -40 oC to +85oC AME8550CEEVB240 AXWww 2.4V SOT-25 -40 oC to +85oC AME8550CEEVB240L AXWww 2.4V SOT-25 -40 oC to +85oC AME8550CEEVB240Z AXWww 2.4V SOT-25 -40 oC to +85oC AME8550CEEVB240Y AXWww 2.4V SOT-25 -40 oC to +85oC AME8550AEEVD240 AXXww 2.4V SOT-25 -40 oC to +85oC AME8550AEEVD240L AXXww 2.4V SOT-25 -40 oC to +85oC AME8550AEEVD240Z AXXww 2.4V SOT-25 -40 oC to +85oC AME8550AEEVD240Y AXXww 2.4V SOT-25 -40 oC to +85oC AME8550BEEVD240 AXYww 2.4V SOT-25 -40 oC to +85oC AME8550BEEVD240L AXYww 2.4V SOT-25 -40 oC to +85oC AME8550BEEVD240Z AXYww 2.4V SOT-25 -40 oC to +85oC AME8550BEEVD240Y AXYww 2.4V SOT-25 -40 oC to +85oC AME8550AEETB250 AXZww 2.5V SOT-23 -40 oC to +85oC AME8550AEETB250L AXZww 2.5V SOT-23 -40 oC to +85oC AME8550AEETB250Z AXZww 2.5V SOT-23 -40 oC to +85oC AME8550AEETB250Y AXZww 2.5V SOT-23 -40 oC to +85oC AME8550AEFTB250 A8550A B250ww 2.5V SOT-89 -40 oC to +85oC AME8550AEFTB250Z A8550A B250ww 2.5V SOT-89 -40 oC to +85oC Note: ww represents the date code / w represents date code ( A thru Z ) : 2 work weeks per character. * A line on top of the first letter represents lead free plating such as AME8550 Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type . |
Podobny numer części - AME8550BEEVD360Y |
|
Podobny opis - AME8550BEEVD360Y |