Zakładka z wyszukiwarką danych komponentów |
|
AME8550CEEVB210Z Arkusz danych(PDF) 10 Page - Analog Microelectronics |
|
AME8550CEEVB210Z Arkusz danych(HTML) 10 Page - Analog Microelectronics |
10 / 21 page AME, Inc. 10 Voltage Detector AME8550 n Ordering Information (contd.) Part Number Marking Output Voltage Package Operating Temp. Range AME8550AEEVD360 AYJww 3.6V SOT-25 -40 oC to +85oC AME8550AEEVD360L AYJww 3.6V SOT-25 -40 oC to +85oC AME8550AEEVD360Z AYJww 3.6V SOT-25 -40 oC to +85oC AME8550AEEVD360Y AYJww 3.6V SOT-25 -40 oC to +85oC AME8550BEEVD360 AYKww 3.6V SOT-25 -40 oC to +85oC AME8550BEEVD360L AYKww 3.6V SOT-25 -40 oC to +85oC AME8550BEEVD360Z AYKww 3.6V SOT-25 -40 oC to +85oC AME8550BEEVD360Y AYKww 3.6V SOT-25 -40 oC to +85oC AME8550AEETB440 AYLww 4.4V SOT-23 -40 oC to +85oC AME8550AEETB440L AYLww 4.4V SOT-23 -40 oC to +85oC AME8550AEETB440Z AYLww 4.4V SOT-23 -40 oC to +85oC AME8550AEETB440Y AYLww 4.4V SOT-23 -40 oC to +85oC AME8550AEFTB440 A8550A B440ww 4.4V SOT-89 -40 oC to +85oC AME8550AEFTB440Z A8550A B440ww 4.4V SOT-89 -40 oC to +85oC AME8550CEEVB440 AYMww 4.4V SOT-25 -40 oC to +85oC AME8550CEEVB440L AYMww 4.4V SOT-25 -40 oC to +85oC AME8550CEEVB440Z AYMww 4.4V SOT-25 -40 oC to +85oC AME8550CEEVB440Y AYMww 4.4V SOT-25 -40 oC to +85oC AME8550AEEVC460 AYNww 4.6V SOT-25 -40 oC to +85oC AME8550AEEVC460L AYNww 4.6V SOT-25 -40 oC to +85oC AME8550AEEVC460Z AYNww 4.6V SOT-25 -40 oC to +85oC AME8550AEEVC460Y AYNww 4.6V SOT-25 -40 oC to +85oC AME8550BEEVC460 AYOww 4.6V SOT-25 -40 oC to +85oC AME8550BEEVC460L AYOww 4.6V SOT-25 -40 oC to +85oC AME8550BEEVC460Z AYOww 4.6V SOT-25 -40 oC to +85oC AME8550BEEVC460Y AYOww 4.6V SOT-25 -40 oC to +85oC |
Podobny numer części - AME8550CEEVB210Z |
|
Podobny opis - AME8550CEEVB210Z |