Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24FC64ZD2ETE13REV-D Arkusz danych(PDF) 2 Page - Catalyst Semiconductor

Numer części CAT24FC64ZD2ETE13REV-D
Szczegółowy opis  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64ZD2ETE13REV-D Arkusz danych(HTML) 2 Page - Catalyst Semiconductor

  CAT24FC64ZD2ETE13REV-D Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT24FC64
2
Doc. No. 1046, Rev. G
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Standby current (ISB ) = 10 µA max at extended temperature range.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current - Read
fSCL = 100 KHz
1
mA
VCC=5V
ICC2
Power Supply Current - Write
fSCL = 400KHz
3
mA
VCC=5V
ISB(5)
Standby Current
VIN = GND or VCC
1
µA
VCC=5V
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
1
µA
VIL
Input Low Voltage
-0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = +3.0V)
IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage (VCC = +1.8V)
IOL = 1.5 mA
0.5
V
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033 1,000,000
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
4000
Volts
ILTH(3)(4)
Latch-up
JEDEC Standard 17
100
mA
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Conditions
Min
Typ
Max
Units
CI/O(3)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN(3)
Input Capacitance (SCL, WP, A0, A1)
VIN = 0V
6
pF
ZWPL
WP Input Impedance
VIN ≤ 0.5V
5
70
k
ZWPH
WP Input Impedance
VIN>0.7VxVCC
500
k
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA


Podobny numer części - CAT24FC64ZD2ETE13REV-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24FC64ZD2ETE13 CATALYST-CAT24FC64ZD2ETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Podobny opis - CAT24FC64ZD2ETE13REV-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com