Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-250L-XXXE Arkusz danych(PDF) 7 Page - Agilent(Hewlett-Packard)

Numer części HCPL-250L-XXXE
Szczegółowy opis  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-250L-XXXE Arkusz danych(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-250L-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-250L-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Electrical Specifications (DC)
Over Recommended Temperature (TA = 0˚C to +70˚C), VCC = 3.3 V, IF = 16 mA, unless otherwise specified. See Note 13.
Parameter
Sym. Device Min. Typ.
Max.
Units
Test Conditions
Fig.
Note
Current Transfer CTR
%
TA = 25˚C
VO = 0.4 V
IF = 16 mA,
2
5, 11
VCC = 3.3 V
15
20
50
Logic Low
VOL
VIF = 16 mA,
VCC = 3.3 V
0.05
0.3
TA = 25˚C
IO = 3.0 mA
Logic High
IOH
0.003 1
µATA = 25˚C VO = VCC = 3.3 V IF = 0 mA
3
Output Current
Logic Low
ICCL
43.0
100
µAIF = 16 mA, VO = Open, VCC = 3.3 V
13
Supply Current
Dual
300
Logic High
ICCH
0.005 0.3
µATA = 25˚C IF = 0 mA, VO = Open,
13
Supply Current
Dual
10
VCC = 3.3 V
Input Forward
VF
1.52
1.7
V
TA = 25˚C
IF = 16 mA
1
Voltage
Input Reverse
BVR
5V
IR = 10 µA
Breakdown
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
Capacitance
Ratio
Output Voltage
Switching Specifications (AC)
Over Recommended Temperature (TA = 0˚C to +70˚C), VCC = 3.3 V, IF = 16 mA unless otherwise specified.
All typicals at VCC = 3.3 V, TA = 25°C.
Parameter
Sym.
Device Min. Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation
tPHL
0.35
1
µsRL = 1.9 kΩ
5
8, 9
Delay Time to
Logic Low at
Output
Propagation
tPLH
0.65
1
µsRL = 1.9 kΩ
5
8, 9
Delay Time to
Logic High at
Output
Common Mode |CMH|1
kV/
µsRL = 4.1 kΩ IF = 0 mA, TA = 25˚C,
6
7, 8, 9
Transient
RL = 1.9 kΩ
VCM = 10 Vp-p
Immunity at
CL = 15 pF
Logic High
Level Output
Common Mode |CML|1
kV/
µsRL = 4.1 kΩ IF = 16 mA, TA = 25˚C,
6
7, 8, 9
Transient
RL = 1.9 kΩ
VCM = 10 Vp-p
Immunity at
CL = 15 pF
Logic Low
Level Output
*All typicals at TA = 25˚C


Podobny numer części - HCPL-250L-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-250L-000E AVAGO-HCPL-250L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-020E AVAGO-HCPL-250L-020E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-060E AVAGO-HCPL-250L-060E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-300E AVAGO-HCPL-250L-300E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-250L-320E AVAGO-HCPL-250L-320E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Podobny opis - HCPL-250L-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com