Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CE30 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HLMP-CE30
Szczegółowy opis  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE30 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-CE30 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T-1 3/4 (5 mm) Precision
Optical Performance
InGaN Bluish-Green LED Lamps
SunPower Series
HLMP-CE23
HLMP-CE24
HLMP-CE30
HLMP-CE31
Technical Data
Features
• Smooth, Consistent Spatial
Radiation Patterns
• High Luminous Output
• Choice of Three Minimum
Luminous Intensities
• Viewing Angles: 23˚ and 30˚
• Superior Resistance to
Moisture
Benefits
• Viewing Angles Match
Traffic Signal Requirements
• Superior Performance in
Outdoor Environments
• Suitable for Autoinsertion
onto PC Boards
Applications
• Traffic Signals
• Commercial Outdoor Signs
• Automotive Interior Lights
Description
These high intensity bluish-green
LEDs are based on InGaN
material technology. InGaN is the
most efficient and cost effective
material for LEDs in the blue and
green region of the spectrum.
The 505 nm typical dominant
wavelength matches international
specifications for green traffic
signals.
These LED lamps are untinted,
nondiffused, T-1 3/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at
specific viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature
and moisture resistance in
outdoor signal and sign
applications. The package epoxy
contains both UV-a and UV-b
inhibitors to reduce the effects of
CAUTION: HLMP-CExx LEDs are Class 1 ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Hewlett-Packard Application Note AN-1142 for
additional details.
long term exposure to direct
sunlight.
These lamps are available in two
viewing angle options and two
package options to give the
designer flexibility with optical
design and device mounting.
Each part type includes three
choices for minimum luminous
intensity.


Podobny numer części - HLMP-CE30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE30 AVAGO-HLMP-CE30 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE30 HP-HLMP-CE30 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE30-N0000 HP-HLMP-CE30-N0000 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE30-QTC00 HP-HLMP-CE30-QTC00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE30-QTQ00 HP-HLMP-CE30-QTQ00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
More results

Podobny opis - HLMP-CE30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com