Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB310G Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części SB310G
Szczegółowy opis  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SB310G Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SB310G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SB310G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 491-
RATINGS AND CHARACTERISTIC CURVES (SB305G THRU SB3100G)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
100
150
0
3
2
1
4
AMBIENT TEMPERATURE. ( C)
o
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
24
6
1
40
60
20
100
10
0
20
30
50
60
40
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
.6
.4
.8
1.2
1.0
1.4
1.6
0.01
0.1
1.0
10.0
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0


Podobny numer części - SB310G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
SB310 TSC-SB310 Datasheet
69Kb / 2P
   Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
SB310 ETC1-SB310 Datasheet
100Kb / 1P
   BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Gaomi Xinghe Electronic...
SB310 GXELECTRONICS-SB310 Datasheet
400Kb / 2P
   Single Phase 3.0 AMPS. Silicon Brid ge Rectifiers
logo
Gulf Semiconductor
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
More results

Podobny opis - SB310G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB TSC-UR3KB Datasheet
140Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
   Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
D3UB05 KINGTRONICS-D3UB05_15 Datasheet
375Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com