Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2401 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części SI2401
Szczegółowy opis  V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SI2401 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI2401 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI2401 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Si2401
Preliminary Rev. 0.9
11
Bill of Materials: Si2401/10 Chipset
Component
Value
Supplier(s)
C1, C2
33 pF, Y2, X7R, ±20%
Panasonic, Murata, Vishay
C3
10 nF, 250 V, X7R, ±20%
Venkel, SMEC
C4
1.0
µF, 50 V, Tant/Elect, ±20%
Venkel, SMEC
C5, C6, C50
0.1
µF, 16 V, X7R, ±20%
Venkel, SMEC
C7
2.7 nF, 50 V, X7R, ±20%
Venkel, SMEC
C8, C9
680 pF, Y2, X7R, ±10%
Panasonic, Murata, Vishay
C10
0.01
µF, 16 V, X7R, ±20%
Venkel, SMEC
C40, C411
33 pF, 16 V, X7R, ±20%
Venkel, SMEC
C51
0.22
µF, 16 V, X7R, ±20%
Venkel, SMEC
D1, D22
Dual Diode, 225 mA, 300 V, CMPD2004S
Central Semiconductor
FB1, FB2
Ferrite Bead, BLM21AG601SN1
Murata
Q1, Q3
NPN, 300 V, MMBTA42
OnSemi, Fairchild
Q2
PNP, 300 V, MMBTA92
OnSemi, Fairchild
Q4, Q5
NPN, 80 V, 330 mW, MMBTA06
OnSemi, Fairchild
RV1
Sidactor, 275 V, 100 A
Teccor, Protek, ST Micro
R1
1.07 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R2
150
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R3
3.65 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R4
2.49 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R5, R6
100 k
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R7, R8
20 M
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R9
1 M
Ω, 1/16 W, 1%
Venkel, SMEC, Panasonic
R10
536
Ω, 1/4 W, 1%
Venkel, SMEC, Panasonic
R11
73.2
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R12, R133
0
Ω, 1/16 W
Venkel, SMEC, Panasonic
R15, R164
0
Ω, 1/16 W
Venkel, SMEC, Panasonic
U1
Si2401
Silicon Labs
U2
Si3010
Silicon Labs
Y11,5
4.9152 MHz, 20 pF, 100 ppm, 150
Ω ESR
ECS Inc., Siward
Z1
Zener Diode, 43 V, 1/2 W, BZX84C43
On Semi
Notes:
1. In STB applications, C40, C41, and Y1 can be removed when using the 27 MHz clock input feature. See "Clock
Generation Subsystem" on page 20.
2. Several diode bridge configurations are acceptable. For example, a single DF04S or four 1N4004 diodes may be
used.
3. 56
, 1/16 W, 1% resistor may be substituted for R12–R13 (0 ) to decrease emissions.
4. Murata BLM21AG601SN1 may be substituted for R15–R16 (0
) to decrease emissions.
5. To ensure compliance with ITU specifications, frequency tolerance must be less than 100 ppm including initial
accuracy, 5-year aging, 0 to 70 °C, and capacitive loading. 50 ppm initial accuracy crystals typically satisfy this
requirement.


Podobny numer części - SI2401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2401-FS SILABS-SI2401-FS Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
More results

Podobny opis - SI2401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com