Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5364 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI5364
Szczegółowy opis  SONET/SDH PRECISION PORT CARD CLOCK IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5364 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI5364 Datasheet HTML 7Page - Silicon Laboratories SI5364 Datasheet HTML 8Page - Silicon Laboratories SI5364 Datasheet HTML 9Page - Silicon Laboratories SI5364 Datasheet HTML 10Page - Silicon Laboratories SI5364 Datasheet HTML 11Page - Silicon Laboratories SI5364 Datasheet HTML 12Page - Silicon Laboratories SI5364 Datasheet HTML 13Page - Silicon Laboratories SI5364 Datasheet HTML 14Page - Silicon Laboratories SI5364 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Si5364
Rev. 2.2
11
Jitter Transfer Bandwidth (see Figure 9)FBW
BW = 1600 Hz
1600
Hz
Wander/Jitter Transfer Peaking
JP
< 1600 Hz
0.0
0.1
dB
Wander/Jitter at 3200 Hz Bandwidth
(BWSEL[1:0] = 00)
Jitter Tolerance (see Figure 8)
JTOL(PP)
f=32 Hz
1000
—ns
f = 320 Hz
100
—ns
f = 3200 Hz
10
—ns
CLKOUT RMS Jitter Generation
FEC[1:0] = 00 (1/1 Scaling)
JGEN(RMS)
12 kHz to 20 MHz
0.89
1.2
ps
50 kHz to 80 MHz
0.3
0.4
ps
CLKOUT RMS Jitter Generation
FEC[1:0] = 01, 10 (255/238, 238/255 Scal-
ing)
JGEN(RMS)
12 kHz to 20 MHz
0.81
1.2
ps
50 kHz to 80 MHz
0.30
0.4
ps
CLKOUT Peak-Peak Jitter Generation
FEC[1:0] = 00 (1/1 Scaling)
JGEN(PP)
12 kHz to 20 MHz
5.8
10.0
ps
50 kHz to 80 MHz
2.9
5.0
ps
CLKOUT Peak-Peak Jitter Generation
FEC[1:0] = 01, 10 (255/238, 238/255 Scal-
ing)
JGEN(PP)
12 kHz to 20 MHz
7.9
10.0
ps
50 kHz to 80 MHz
4.6
5.0
ps
Jitter Transfer Bandwidth (see Figure 9)
FBW
BW = 3200 Hz
3200
—Hz
Wander/Jitter Transfer Peaking
JP
< 3200 Hz
0.0
0.05
dB
Wander/Jitter at 6400 Hz Bandwidth
(BWSEL[1:0] = 11)
Jitter Tolerance (see Figure 8)
JTOL(PP)
f=64 Hz
1000
—ns
f = 640 Hz
100
—ns
f = 6400 Hz
10
—ns
CLKOUT RMS Jitter Generation
FEC[1:0] = 00 (1/1 Scaling)
JGEN(RMS)
12 kHz to 20 MHz
1.03
1.4
ps
50 kHz to 80 MHz
0.38
0.5
ps
CLKOUT RMS Jitter Generation
FEC[1:0] = 01, 10 (255/238, 238/255 scal-
ing)
JGEN(RMS)
12 kHz to 20 MHz
1.01
1.4
ps
50 kHz to 80 MHz
0.45
0.6
ps
CLKOUT Peak-Peak Jitter Generation
FEC[1:0] = 00 (1/1 Scaling)
JGEN(PP)
12 kHz to 20 MHz
9.3
12.0
ps
50 kHz to 80 MHz
2.8
5.5
ps
Table 4. AC Characteristics (PLL Performance Characteristics) (Continued)
(VDD33 = 3.3 V ± 5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Notes:
1.
Higher PLL bandwidth settings provide smaller clock output wander with temperature gradient.
2.
For reliable device operation, temperature gradients should be limited to 10 °C/min.
3.
Telcordia GR-1244-CORE requirements specify maximum phase transient slope during clock rearrangement in terms
of nanoseconds per millisecond. The equivalent ps/
µs unit is used here since the maximum phase transient magnitude
for the Si5364 (tPT_MTIE) never reaches one nanosecond.


Podobny numer części - SI5364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
Silicon Laboratories
SI5364-EVB SILABS-SI5364-EVB Datasheet
1Mb / 14P
   Differential inputs terminated on board
More results

Podobny opis - SI5364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com