Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP5PCN-266 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SMP5PCN-266
Szczegółowy opis  smartModule
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SMP5PCN-266 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SMP5PCN-266 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP5PCN-266 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
DIGITAL-LOGIC Solution Guide 2005
smartModule
SMP5PC
Datasheet
Beschreibung
Mit dem smartModule SMP5PC bietet
DIGITAL-LOGIC ein auf Pentium® MMX-basie-
rendes PC-Modul nach dem PC/480-Standard.
Alle Peripherie-Schnittstellen inkl. USB, VGA
werden über den smartBus480 in die kun-
denspezifische Umgebung integriert. Die gerin-
ge Leistungsaufnahme und das flache Modul-
gehäuse vereinfachen das Kühlkonzept.
Description
With the smartModule SMP5PC, based on the
Pentium® MMX, DIGITAL-LOGIC offers a PC-module
according to the PC/480-standard. All PC-inter-
faces incl. USB, VGA can be integrated via the
smartBus480 into a custom specific application.
Due to the minimal power consumption and flat
housing, a reliable cooling-concept can be easy
implemented.
Technical Data
Size
smartBus480
CPU
Intel® Pentium® MMX
Performance
166, 266MHz
2L-Cache
-
DRAM
SODIMM 32-256 MB
Bootable Flash
-
CompactFlash
-
PCCard
-
Keyboard

BootDrive
FD, HD, CD, USB-FD/CD
Mouse

Harddisk
, 2x
Floppy

Serial
COM1 (TTL)
COM2 (TTL)
BUS
ISA, PCI
Parallel
LPT1
USB

LAN
-
Video
69000, 2 MB, VGA LCD
Resolution
36 Bit
Level
3V
Video Input
-
EEPROM
1k
Watchdog
onboard
RTC Battery
external
Power Management
, S2D, ATX, APM
Supply
5V
Consumption*
400mA/1800mA (typ.@266MHz)
Size
66 x 85 x 14mm
* sleep/normal
Ordering Information
Article
Part No.
Description
SMP5PC-166
805060
166MHz, 0 MB RAM
SMP5PC-266
805065
266MHz, 0 MB RAM
SMP5PCN-266
805066
266MHz, 0 MB RAM, no VGA
SMxxPC-DK
805025
Development-Kit without smartModule
Option
Part No.
Description
SDRAM32M
890645
SODIMM SDRAM-Module 32 MB
SDRAM64M
890644
SODIMM SDRAM-Module 64 MB
SDRAM128M
890646
SODIMM SDRAM-Module 128 MB
SDRAM256M
890647
SODIMM SDRAM-Module 256 MB
CRT
LCD
PCI
VGA
Controller
SODIMM
SDRAM
CPU
P5
North bridge
South bridge
+Super I/O
ISA
CRT
LCD
PCI
ISA
LPT
2x
COM
2x IDE PM
Floppy
2x
USB
MEM
Bus
KB
MS
SmartBus 480


Podobny numer części - SMP5PCN-266

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMP5.0A VISHAY-SMP5.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
SMP5.0A VISHAY-SMP5.0A Datasheet
99Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
STMicroelectronics
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP50-100 STMICROELECTRONICS-SMP50-100 Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com