Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0038 Arkusz danych(PDF) 3 Page - RF Micro Devices

Numer części TA0038
Szczegółowy opis  DC ACCURATE FSK MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFMD [RF Micro Devices]
Strona internetowa  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0038 Arkusz danych(HTML) 3 Page - RF Micro Devices

  TA0038 Datasheet HTML 1Page - RF Micro Devices TA0038 Datasheet HTML 2Page - RF Micro Devices TA0038 Datasheet HTML 3Page - RF Micro Devices TA0038 Datasheet HTML 4Page - RF Micro Devices TA0038 Datasheet HTML 5Page - RF Micro Devices TA0038 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13-189
TA0038
13
Copyright 1997-2000 RF Micro Devices, Inc.
The reference crystal which is supplied with the
RF2513 eval board is 7.15909MHz,. This normally pro-
duces a transmit frequency of 916.4MHz for a divide
by 128 setting. Other values could easily be substi-
tuted. Since the divider ratios are 128.454 and
128.444, the output frequencies are 919.6137MHz for
a logic “0” and 919.5421MHz for a logic “1” input.
Thus, peak to peak deviation is fixed at 71.6kHz. Since
the deviation is derived by numerical means as a frac-
tion of the crystal frequency, it is very accurate and
repeatable without the tuning. This deviation allows for
a wide range of data rates, from 1bps to 100kbps by
using different modulation indices. The upper limit is
actually limited by the loop bandwidth of the PLL, up to
the point where the modulation index becomes too
small. In Figure 3, a pseudo random data pattern
clocked at a 100bps bit rate is shown as an example of
the low data rate capability. The recovered data main-
tains its DC level through several consecutive data bits
providing evidence of the DC accuracy of this modula-
tor. In Figure 4, the same pseudo random data pattern
at 72kbps is shown. In each instance, a RF2917 evalu-
ation board tuned for 919.578 MHz was used to
demodulate the data.
The PLL loop bandwidth is designed to be reasonably
wide and yet still provide reasonable spurious rejec-
tion. The loop bandwidth is one of the factors that
determine the rate at which the VCO changes from
one frequency to the other and, thus, the upper data
rates. As data rates exceed the loop bandwidth, the
modulation waveform becomes band-limited and takes
on the appearance of inter-symbol interference. Figure
5 shows the eye pattern of this modulator as seen at
the RF2917 receiver output. The flatness of the eye
pattern attests to immunity of this modulator to random
Figure 3. Transmitted Data (top) and Recovered
Data (bottom) at 100Bps
Figure 4. Transmitted Data (top) and Recovered
Data (bottom) at 72Kbps
Figure 5. Kbps Eye Pattern


Podobny numer części - TA0038

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Micro Devices
TA0030 RFMD-TA0030 Datasheet
90Kb / 6P
   TRANSMIT AND RECEIVE AGC AMPLIFIERS FOR CDMA CELLULAR /PCS PHONES
More results

Podobny opis - TA0038

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
M.S. Kennedy Corporatio...
MSK131 MSK-MSK131_15 Datasheet
178Kb / 6P
   FET Input - Accurate DC Specifications
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
CUI INC
FSK-S15-5U CUI-FSK-S15-5U Datasheet
65Kb / 2P
   FSK-S15 Series AC-DC Converter
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731_1 Datasheet
255Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
FSK-S30 ETC1-FSK-S30 Datasheet
101Kb / 2P
   FSK-S30 SERIES AC-DC CONVERTER
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731 Datasheet
140Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com