Zakładka z wyszukiwarką danych komponentów |
|
74HCT04N Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74HCT04N Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 20 page 2003 Jul 23 9 Philips Semiconductors Product specification Hex inverter 74HC04; 74HCT04 Type 74HCT04 At recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb =25 °C VIH HIGH-level input voltage 4.5 to 5.5 2.0 1.6 − V VIL LOW-level input voltage 4.5 to 5.5 − 1.2 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 4.5 − V IO = −4.0 mA 4.5 3.84 4.32 − V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 − 0 0.1 V IO = 4.0 mA 4.5 − 0.15 0.26 V ILI input leakage current VI =VCC or GND 5.5 −−±0.1 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND; IO =0 5.5 −−±0.5 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 2 µA ∆I CC additional supply current per input VI =VCC − 2.1 V; IO =0 4.5 to 5.5 − 120 432 µA Tamb = −40 to +85 °C VIH HIGH-level input voltage 4.5 to 5.5 2.0 −− V VIL LOW-level input voltage 4.5 to 5.5 −− 0.8 V VOH HIGH-level output voltage VI =VIH or VIL − IO = −20 µA 4.5 4.4 −− V IO = −4.0 mA 4.5 3.84 −− V VOL LOW-level output voltage VI =VIH or VIL − IO =20 µA 4.5 −− 0.1 V IO = 4.0 mA 4.5 −− 0.33 V ILI input leakage current VI =VCC or GND 5.5 −−±1.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND; IO =0 5.5 −−±5.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 20 µA ∆ICC additional supply current per input VI =VCC − 2.1 V; IO =0 4.5 to 5.5 −− 540 µA |
Podobny numer części - 74HCT04N |
|
Podobny opis - 74HCT04N |