Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT04BQ Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT04BQ
Szczegółowy opis  Hex inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04BQ Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT04BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 11Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 12Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 13Page - NXP Semiconductors 74HCT04BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 Jul 23
10
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
−−
V
IO = −4.0 mA
4.5
3.7
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
4.5
−−
0.1
V
IO = 4.0 mA
4.5
−−
0.4
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
IOZ
3-state output OFF current
VI =VIH or VIL;
VO =VCC or GND;
IO =0
5.5
−−±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
5.5
−−
40
µA
∆I
CC
additional supply current per input
VI =VCC − 2.1 V;
IO =0
4.5 to 5.5
−−
590
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Podobny numer części - 74HCT04BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT04BQ PHILIPS-74HCT04BQ Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
74HCT04BQ PHILIPS-74HCT04BQ Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04BQ FUMAN-74HCT04BQ Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
Nexperia B.V. All right...
74HCT04BQ NEXPERIA-74HCT04BQ Datasheet
263Kb / 15P
   Hex inverter
Rev. 9 - 9 February 2023
logo
NXP Semiconductors
74HCT04BQ-Q100 NXP-74HCT04BQ-Q100 Datasheet
132Kb / 16P
   Hex inverter
Rev. 2-10 April 2013
More results

Podobny opis - 74HCT04BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com