Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7457 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7457
Szczegółowy opis  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7457 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7457 Datasheet HTML 1Page - Analog Devices AD7457 Datasheet HTML 2Page - Analog Devices AD7457 Datasheet HTML 3Page - Analog Devices AD7457 Datasheet HTML 4Page - Analog Devices AD7457 Datasheet HTML 5Page - Analog Devices AD7457 Datasheet HTML 6Page - Analog Devices AD7457 Datasheet HTML 7Page - Analog Devices AD7457 Datasheet HTML 8Page - Analog Devices AD7457 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, Pseudo Differential, 100 kSPS
12-Bit ADC in an 8-Lead SOT-23
AD7457
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Low power:
0.9 mW max at 100 kSPS with VDD = 3 V
3 mW max at 100 kSPS with VDD = 5 V
Pseudo differential analog input
Wide input bandwidth:
70-dB SINAD at 30 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface—SPI®/QSPI™/
MICROWIRE™/DSP compatible
Automatic power-down mode
8-lead SOT-23 package
APPLICATIONS
Transducer interface
Battery-powered systems
Data acquisition systems
Portable instrumentation
FUNCTIONAL BLOCK DIAGRAM
VREF
T/H
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
SDATA
CS
VDD
AD7457
VIN+
VIN–
Figure 1.
GENERAL DESCRIPTION
The AD7457 is a 12-bit, low power, successive approximation
(SAR) analog-to-digital converter that features a pseudo
differential analog input. This part operates from a single 2.7 V
to 5.25 V power supply and features throughput rates of up to
100 kSPS.
The part contains a low noise, wide bandwidth, differential
track-and-hold amplifier (T/H) that can handle input
frequencies in excess of 1 MHz. The reference voltage for the
AD7457 is applied externally to the VREF pin and can range from
100 mV to VDD, depending on what suits the application.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the device to interface
with microprocessors or DSPs.
The SAR architecture of this part ensures that there are no
pipeline delays.
The AD7457 uses advanced design techniques to achieve very
low power dissipation.
PRODUCT HIGHLIGHTS
1.
Operation with 2.7 V to 5.25 V power supplies.
2.
Low power consumption. With a 3 V supply, the AD7457
offers 0.9 mW maximum power consumption for a
100 kSPS throughput rate.
3.
Pseudo differential analog input.
4.
Flexible power/serial clock speed management. The
conversion rate is determined by the serial clock, allowing
the power to be reduced as the conversion time is reduced
through the serial clock speed increase. Automatic power-
down after conversion allows the average power
consumption to be reduced.
5.
Variable voltage reference input.
6.
No pipeline delay.
7.
Accurate control of the sampling instance via the CS input
and once-off conversion control.
8.
ENOB > 10 bits typically with 500 mV reference.


Podobny numer części - AD7457

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7457 AD-AD7457 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
538Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS
REV. A
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
More results

Podobny opis - AD7457

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com