Zakładka z wyszukiwarką danych komponentów |
|
54AC378FCX Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
54AC378FCX Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLF10231 March 1993 54AC74AC378 Parallel D Register with Enable General Description The ’AC378 is a 6-bit register with a buffered common En- able This device is similar to the ’AC174 but with common Enable rather than common Master Reset Features Y 6-bit high-speed parallel register Y Positive edge-triggered D-type inputs Y Fully buffered common clock and enable inputs Y Input clamp diodes limit high-speed termination effects Y Standard Military Drawing (SMD) ’AC378 5962-91605 Logic Symbols Connection Diagrams TLF10231 – 1 IEEEIEC TLF10231 – 4 Pin Assignment for DIP SOIC and Flatpak TLF10231 – 2 Pin Assignment for LCC TLF10231 – 3 Pin Names Description E Enable Input (Active LOW) D0–D5 Data Inputs CP Clock Pulse Input (Active Rising Edge) Q0–Q5 Outputs FACTTM is a trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
Podobny numer części - 54AC378FCX |
|
Podobny opis - 54AC378FCX |