Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7463 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADT7463
Szczegółowy opis  dB COOL Remote Thermal Controller and Voltage Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7463 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADT7463 Datasheet HTML 5Page - Analog Devices ADT7463 Datasheet HTML 6Page - Analog Devices ADT7463 Datasheet HTML 7Page - Analog Devices ADT7463 Datasheet HTML 8Page - Analog Devices ADT7463 Datasheet HTML 9Page - Analog Devices ADT7463 Datasheet HTML 10Page - Analog Devices ADT7463 Datasheet HTML 11Page - Analog Devices ADT7463 Datasheet HTML 12Page - Analog Devices ADT7463 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
REV. 0
ADT7463
–9–
SERIAL BUS INTERFACE
Control of the ADT7463 is carried out using the serial System
Management bus (SMBus). The ADT7463 is connected to this
bus as a slave device, under the control of a master controller.
The ADT7463 has a 7-bit serial bus address. When the device
is powered up with Pin 13 (PWM3/
Address Enable) high, the
ADT7463 will have a default SMBus address of 0101110 or
0x5C. If more than one ADT7463 is to be used in a system,
then each ADT7463 should be placed in Address Select Mode
by strapping Pin 13 low on power-up. The logic state of Pin 14
then determines the device’s SMBus address.
The device address is sampled and latched on the first valid
SMBus transaction, so any attempted addressing changes made
thereafter will have no immediate effect.
Table I. Address Select Mode
Pin 13 State
Pin 14 State
Address
0Low (10 k
Ω to GND)
0101100 (0x2C)
0High (10 k
Ω pull-up)
0101101 (0x2D)
1Don’t Care
0101110 (0x2E)
(default)
ADT7463
14
13
ADDR_SEL
PWM3/
ADDR_EN
VCC
10k
ADDRESS = 0x2E
Figure 3. Default SMBus Address = 0x2E
ADT7463
14
13
ADDR_SEL
PWM3/
ADDR_EN
10k
ADDRESS = 0x2C
Figure 4. SMBus Address = 0x2C (Pin 14 = 0)
The ability to make hardwired changes to the SMBus slave
address allows the user to avoid conflicts with other devices
sharing the same serial bus, for example, if more than one
ADT7463 is used in a system.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high to low transition on the serial
data line SDA while the serial clock line SCL remains high.
This indicates that an address/data stream will follow. All
slave peripherals connected to the serial bus respond to the
START condition and shift in the next eight bits, consisting
of a 7-bit address (MSB first) plus a R/
W bit, which deter-
mines the direction of the data transfer, i.e., whether data
will be written to or read from the slave device.
ADT7463
ADDR_SEL
PWM3/
ADDR_EN
ADDRESS = 0x2D
14
13
VCC
10k
Figure 5. SMBus Address = 0x2D (Pin 14 = 1)
ADT7463
14
13
ADDR_SEL
PWM3/
ADDR_EN
VCC
10k
DO NOT LEAVE ADDR_EN
UNCONNECTED! CAN
CAUSE UNPREDICTABLE
ADDRESSES
NC
CARE SHOULD BE TAKEN TO ENSURE THAT PIN 13
(PWM3/
ADDR_EN) IS EITHER TIED HIGH OR LOW. LEAVING PIN 13
FLOATING COULD CAUSE THE ADT7463 TO POWER UP WITH AN
UNEXPECTED ADDRESS.
NOTE THAT IF THE ADT7463 IS PLACED INTO ADDRESS SELECT
MODE, PINS 13 AND 14 CANNOT BE USED AS THE ALTERNATE
FUNCTIONS (PWM3, TACH4/
THERM) ONLY IF THE CORRECT
CIRCUIT IS MUXED IN AT THE CORRECT TIME
Figure 6. Unpredictable SMBus Address if Pin 13
is Unconnected
R/
W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7463
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADT7463
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7463
STOP BY
MASTER
FRAME 3
DATA
BYTE
1
9
SCL (CONTINUED)
SDA (CONTINUED)
Figure 7. Writing a Register Address to the Address Pointer Register, Then Writing Data to the Selected Register


Podobny numer części - ADT7463

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463 ONSEMI-ADT7463 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7463ARQ ONSEMI-ADT7463ARQ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL ONSEMI-ADT7463ARQ-REEL Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL7 ONSEMI-ADT7463ARQ-REEL7 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
More results

Podobny opis - ADT7463

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
logo
Analog Devices
ADT7460 AD-ADT7460 Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com