Zakładka z wyszukiwarką danych komponentów |
|
KFG1G16U2M-DIB5 Arkusz danych(PDF) 5 Page - Samsung semiconductor |
|
KFG1G16U2M-DIB5 Arkusz danych(HTML) 5 Page - Samsung semiconductor |
5 / 125 page OneNAND1G(KFG1G16Q2M-DEB5) FLASH MEMORY 5 OneNAND2G(KFH2G16Q2M-DEB5) OneNAND4G(KFW4G16Q2M-DEB5) Samsung offers a variety of Flash solutions including NAND Flash, OneNAND ™ and NOR Flash. Samsung offers Flash products both component and a variety of card formats including RS-MMC, MMC, CompactFlash, and SmartMedia. To determine which Samsung Flash product solution is best for your application, refer the product selector chart. Application Requires Samsung Flash Products NAND OneNAND NOR Fast Random Read • Fast Sequential Read •• Fast Write/Program •• Multi Block Erase • (Max 64 Blocks) • Erase Suspend/Resume •• Copyback • (EDC) • (ECC) Lock/Unlock/Lock-Tight •• ECC External (Hardware/Software) Internal X Scalability •• 1.3 Ordering Information K F x x x 1 6 Q 2 M - D E B 5 Samsung OneNAND Memory Device Type G : Single Chip H : Dual Chip W: Quad Chip Density 1G: 1Gb 2G: 2Gb 4G: 4Gb Operating Temperature Range E = Extended Temp. (-30 °C to 85 °C) Page Architecture 2 : 2KB Page Version 1st Generation Product Line desinator B : Include Bad Block D : Daisy Sample Operating Voltage Range Q : 1.8V(1.7 V to 1.95V) Package D : FBGA(Lead Free) Organization x16 Organization Speed 5 : 54MHz 6 : 66MHz 1.2 Flash Product Type Selector |
Podobny numer części - KFG1G16U2M-DIB5 |
|
Podobny opis - KFG1G16U2M-DIB5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |