Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFH2G1612M-DED5 Arkusz danych(PDF) 6 Page - Samsung semiconductor

Numer części KFH2G1612M-DED5
Szczegółowy opis  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH2G1612M-DED5 Arkusz danych(HTML) 6 Page - Samsung semiconductor

Back Button KFH2G1612M-DED5 Datasheet HTML 2Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 3Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 4Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFH2G1612M-DED5 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
6
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
OneNAND is a highly integrated non-volatile memory solution based around a NAND Flash memory array.
The chip integrates system features including:
• A BootRAM and bootloader
• Two independent bi-directional 2KB DataRAM buffers
• A High-Speed x16 Host Interface
• On-chip Error Correction
• On-chip NOR interface controller
This on-chip integration enables system designers to reduce external system logic and use high-density NAND Flash in applications
that would otherwise have to use more NOR components.
OneNAND takes advantage of the higher performance NAND program time, low power, and high density and combines it with the
synchronous read performance of NOR. The NOR Flash host interface makes OneNAND an ideal solution for applications like G3
Smart Phones, Camera Phones, and mobile applications that have large, advanced multimedia applications and operating systems,
but lack a NAND controller.
When integrated into a Samsung Multi-Chip-Package with Samsung Mobile DDR SDRAM, designers can complete a high-perfor-
mance, small footprint solution.
1.4
Architectural Benefits


Podobny numer części - KFH2G1612M-DED5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KFH2G16Q2M-DEB6 SAMSUNG-KFH2G16Q2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
KFH2G16Q2M-DED6 SAMSUNG-KFH2G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

Podobny opis - KFH2G1612M-DED5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com